Zakładka z wyszukiwarką danych komponentów |
|
TLP719 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor |
|
TLP719 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor |
1 / 7 page TLP719 2015-11-30 1 Unit: mm Weight: 0.26 g (typ.) 4.58±0.25 9.7±0.3 0.4±0.1 1.27±0.2 1.25±0.25 7.62±0.25 1 2 3 6 5 4 11-5J1 TOSHIBA 11-5J1 TOSHIBA PHOTOCOUPLER GaA ℓAs IRED + PHOTO−IC TLP719 Digital logic ground isolation Line receivers Microprocessor system interfaces Switching power supply feedback control Industrial invertors The TOSHIBA TLP719 consists of a GaA ℓAs high-output light-emitting diode and a high-speed detector. This unit is a 6-lead SDIP. The TLP719 is 50% smaller than the 8-pin DIP and meets the reinforced insulation class requirements of international safety standards. Therefore the mounting area can be reduced in equipment requiring safety standard certification. The TLP719 has a Faraday shield integrated on the photodetector chip to provide an effective common mode noise transient immunity. Therefore this product is suitable for application in noisy environmental conditions. • Open collector • Package type : SDIP6 • Isolation voltage : 5000 Vrms (min) • Common mode transient immunity : ±10 kV/ μs (min) @VCM = 400 V • Switching speed : tpHL/ tpLH = 0.8 μs (max) @ IF = 16 mA, VCC = 5 V, RL = 1.9 k Ω, Ta = 25 °C • TTL compatible • Construction mechanical rating 7.62-mm pitch standard type 10.16-mm pitch TLPXXXF type Creepage Distance Clearance Insulation Thickness 7.0 mm (min) 7.0 mm (min) 0.4 mm (min) 8.0 mm (min) 8.0 mm (min) 0.4 mm (min) • UL recognized : UL1577, File No. E67349 • c-UL approved :CSA Component Acceptance Service No. 5A, File No.E67349 • Option (D4) VDE approved : EN60747-5-5 (Note 1) Note 1: When a EN60747-5-5 approved type is needed, please designate the “Option(D4)” PIN CONFIGURATION (Top View) SHIELD 1 3 4 5 6 2 1 : ANODE 2 : N.C. 3 : CATHODE 4 : EMITTER (GND) 5 : COLLECTOR (OUTPUT) 6 : VCC SCHEMATIC SHIELD 1 3 4 5 6 VF IF ICC VCC VO GND IO A 0.1- μF bypass capacitor must be connected between pins 4 and 6. Start of commercial production 2007-09 |
Podobny numer części - TLP719_15 |
|
Podobny opis - TLP719_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |