Zakładka z wyszukiwarką danych komponentów |
|
TLP719 Arkusz danych(PDF) 3 Page - Toshiba Semiconductor |
|
TLP719 Arkusz danych(HTML) 3 Page - Toshiba Semiconductor |
3 / 7 page TLP719 2015-11-30 3 Electrical Characteristics (Ta = 25 °C) Characteristic Symbol Test Condition Min Typ. Max Unit Forward voltage VF IF = 16 mA ― 1.65 1.85 V Forward voltage Temperature coefficient ΔVF / ΔTa IF = 16 mA ― −2 ― mV / °C Reverse current IR VR = 5 V ― ― 10 μA Capacitance between terminals CT VF = 0 V, f = 1 MHz ― 45 ― pF HIGH-level output current IOH (1) IF = 0 mA, VCC = VO = 5.5 V ― 3 500 nA IOH (2) IF = 0 mA, VCC = 30 V VO = 20 V ― ― 5 μA IOH IF = 0 mA, VCC = 30 V VO = 20 V, Ta = 70 °C ― ― 50 HIGH-level supply current ICCH IF = 0 mA, VCC = 30 V ― 0.01 1 μA Supply voltage VCC ICC = 0.01 mA 30 ― ― V Output voltage VO IO = 0.5 mA 20 ― ― V Coupled Electrical Characteristics (Ta = 25 °C) Characteristic Symbol Test Condition Min Typ. Max Unit Current transfer ratio IO / IF IF = 16 mA, VCC = 4.5 V VO = 0.4 V 20 ― ― % LOW-level output voltage VOL IF = 16 mA, VCC = 4.5 V IO = 2.4 mA ― ― 0.4 V Isolation Characteristics (Ta = 25 °C) Characteristic Symbol Test Condition Min Typ. Max Unit Capacitance input to output CS V = 0 V, f = 1 MHz (Note 1) ― 0.8 ― pF Isolation resistance RS R.H. ≤ 60%,VS = 500 V (Note 1) 1×1012 1014 ― Ω Isolation voltage BVS AC, 60 s 5000 ― ― Vrms AC, 1 s, in oil ― 10000 ― DC, 60 s, in oil ― 10000 ― Vdc Note 1: Device considered a two-terminal device: pins 1, 2 and 3 paired with pins 4, 5 and 6 respectively. |
Podobny numer części - TLP719_15 |
|
Podobny opis - TLP719_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |