Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP754 Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TLP754
Szczegółowy opis  Inverter logic type (open collector output)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP754 Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TLP754_15 Datasheet HTML 1Page - Toshiba Semiconductor TLP754_15 Datasheet HTML 2Page - Toshiba Semiconductor TLP754_15 Datasheet HTML 3Page - Toshiba Semiconductor TLP754_15 Datasheet HTML 4Page - Toshiba Semiconductor TLP754_15 Datasheet HTML 5Page - Toshiba Semiconductor TLP754_15 Datasheet HTML 6Page - Toshiba Semiconductor TLP754_15 Datasheet HTML 7Page - Toshiba Semiconductor TLP754_15 Datasheet HTML 8Page - Toshiba Semiconductor TLP754_15 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TLP754
4
9.
9.
9.
9. Electrical Characteristics (Note)
Electrical Characteristics (Note)
Electrical Characteristics (Note)
Electrical Characteristics (Note)
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 125
= -40 to 125
= -40 to 125
= -40 to 125 
, V
, V
, V
, VCC
CC
CC
CC
= 4.5 to 30 V)
= 4.5 to 30 V)
= 4.5 to 30 V)
= 4.5 to 30 V)
Characteristics
Input forward voltage
Input forward voltage
temperature coefficient
Input reverse current
Input capacitance
High-level output current
Low-level output voltage
High-level supply current
Low-level supply current
Output current
Threshold input current (H/L)
Threshold input voltage (L/H)
Symbol
VF
∆VF/∆Ta
IR
Ct
IOH
VOL
ICCH
ICCL
IO
IFHL
VFLH
Note Test Circuit
Fig. 12.1.1
Fig. 12.1.2
Fig. 12.1.3
Fig. 12.1.4
Fig. 12.1.5
Test Condition
IF = 10 mA, Ta = 25 
IF = 10 mA
VR = 5 V, Ta = 25 
V = 0 V, f = 1 MHz
VF = 0.8 V, VO < VCC
IF = 10 mA, IO = 2.4 mA
IF = 0 mA
IF = 10 mA
IF = 10 mA, VO = 0.6 V
IO = 0.75 mA, VO < 0.8 V
IO = 0.75 mA, VO > 2.0 V
Min
1.45
4.0
0.8
Typ.
1.55
-2.0
60
0.2
1.0
1.0
1.5
Max
1.7
10
50
0.6
1.3
1.3
5.0
Unit
V
mV/
µA
pF
µA
V
mA
V
Note:
All typical values are at Ta = 25 .
10.
10.
10.
10. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Total capacitance (input to output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Conditions
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60 %
AC, 60 s
AC, 1 s in oil
DC, 60 s in oil
Min
1 × 1012
5000
Typ.
1.0
1014
10000
10000
Max
Unit
pF
Vrms
Vdc
Note 1: This device is considered as a two-terminal device: Pins 1, 2, 3 and 4 are shorted together, and pins 5, 6, 7
and 8 are shorted together.
11.
11.
11.
11. Switching Characteristics (Note)
Switching Characteristics (Note)
Switching Characteristics (Note)
Switching Characteristics (Note)
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 125
= -40 to 125
= -40 to 125
= -40 to 125 
, V
, V
, V
, VCC
CC
CC
CC
= 15 V)
= 15 V)
= 15 V)
= 15 V)
Characteristics
Propagation delay time (H/L)
Propagation delay time (L/H)
Pulse width distortion
Propagation delay skew
(device to device)
Common-mode transient
immunity at output high
Common-mode transient
immunity at output low
Symbol
tpHL
tpLH
|tpHL-
tpLH|
tpsk
CMH
CML
Note
(Note 1)
(Note 1)
(Note 1)
(Note 1),
(Note 2)
Test
Circuit
Fig.
12.1.6
Fig.
12.1.7
Test Condition
IF = 0 → 10 mA, RL = 20 kΩ,
CL = 100 pF
IF = 0 → 10 mA, RL = 20 kΩ,
CL = 10 pF
IF = 10 → 0 mA, RL = 20 kΩ,
CL = 100 pF
IF = 10 → 0 mA, RL = 20 kΩ,
CL = 10 pF
IF = 10 mA, RL = 20 kΩ,
CL = 100 pF
VCM = 1500 Vp-p, IF = 0 mA,
RL = 20 kΩ, Ta = 25 ,
CL = 10 pF or 100 pF
VCM = 1500 Vp-p, IF = 10 mA,
RL = 20 kΩ, Ta = 25 ,
CL = 10 pF or 100 pF
Min
30
150
-50
±20
±20
Typ.
150
70
350
110
±25
±25
Max
400
550
400
450
Unit
ns
kV/µs
Note:
All typical values are at Ta = 25 .
Note 1: Input signal (f = 10 kHz, duty = 10 %, input current tr = tf = 5 ns or less )
Note 2: The propagation delay skew, tpsk, is defined as the propagation delay time of the largest or smallest tpLH minus
the largest or smallest tpHL of multiple samples. Evaluations of these samples are conducted under identical
test conditions (supply voltage, input current, temperature, etc).
2015-12-26
Rev.5.0
©2015 Toshiba Corporation


Podobny numer części - TLP754_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP754 TOSHIBA-TLP754 Datasheet
375Kb / 15P
   Photocouplers GaA As Infrared LED & Photo IC
More results

Podobny opis - TLP754_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP714 TOSHIBA-TLP714 Datasheet
396Kb / 15P
   Inverter logic type (open collector output)
TLP2168 TOSHIBA-TLP2168_15 Datasheet
453Kb / 16P
   Inverter logic type (open collector output)
logo
NXP Semiconductors
74F756 PHILIPS-74F756 Datasheet
88Kb / 12P
   Octal inverter buffer open-collector
1989 Nov 27
logo
Toshiba Semiconductor
TLP2160 TOSHIBA-TLP2160 Datasheet
328Kb / 14P
   Inverter logic type (Totem pole output)
TLP2358 TOSHIBA-TLP2358 Datasheet
257Kb / 11P
   Inverter logic type (totem pole output)
TLP2361 TOSHIBA-TLP2361 Datasheet
424Kb / 16P
   Inverter logic type (Totem pole output)
logo
Renesas Technology Corp
HD74LS06 RENESAS-HD74LS06_1 Datasheet
63Kb / 6P
   Hex Inverter Buffers / Drivers (with Open Collector High-Voltage Output)
logo
Fairchild Semiconductor
DM74S05 FAIRCHILD-DM74S05 Datasheet
47Kb / 4P
   Hex Inverter with Open-Collector Outputs
logo
Texas Instruments
SN5405 TI-SN5405 Datasheet
547Kb / 18P
[Old version datasheet]   HEX INVERTER WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM74ALS05AN FAIRCHILD-DM74ALS05AN Datasheet
52Kb / 4P
   Hex Inverter with Open Collector Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com