Zakładka z wyszukiwarką danych komponentów |
|
TLP797GA Arkusz danych(PDF) 3 Page - Toshiba Semiconductor |
|
TLP797GA Arkusz danych(HTML) 3 Page - Toshiba Semiconductor |
3 / 5 page TLP797GA 2014-09-22 3 Circuit Connections A connection B connection C connection Individual Electrical Characteristics (Ta = 25°C) Characteristics Symbol Test Condition Min Typ. Max Unit LED Forward voltage VF IF = 10 mA 1.0 1.15 1.3 V Reverse current IR VR = 5 V ⎯ ⎯ 10 μA Capacitance CT V = 0, f = 1 MHz ⎯ 30 ⎯ pF Detector Off-state current IOFF VOFF = 400 V ⎯ ⎯ 1 μA Capacitance COFF V = 0, f = 1 MHz ⎯ 70 ⎯ pF Coupled Electrical Characteristics (Ta = 25°C) Characteristics Symbol Test Condition Min Typ. Max Unit Trigger LED current IFT ION = 120 mA ⎯ 1 3 mA Load current limiting IFC IOFF = 100 μA 0.1 ⎯ ⎯ mA On-state resistance A connection RON ION = 120 mA, IF = 5 mA ⎯ 17 35 Ω ION = 20 to 120 mA, IF = 5 mA ⎯ 20 40 B connection ION = 120 mA, IF = 5 mA ⎯ 11 20 C connection ION = 240 mA, IF = 5 mA ⎯ 6 ⎯ Isolation Characteristics (Ta = 25°C) Characteristics Symbol Test Condition Min Typ. Max Unit Capacitance input to output CS VS = 0, f = 1 MHz ⎯ 0.8 ⎯ pF Isolation resistance RS VS = 500 V, R.H. ≤ 60% 5 × 10 10 10 14 ⎯ Ω Isolation voltage BVS AC, 1 minute 5000 ⎯ ⎯ Vrms AC, 1 second (in oil) ⎯ 10000 ⎯ DC, 1 minute (in oil) ⎯ 10000 ⎯ Vdc 1 3 6 4 5 2 LOAD 1 3 6 4 5 2 LOAD 1 3 6 4 5 2 LOAD |
Podobny numer części - TLP797GA_14 |
|
Podobny opis - TLP797GA_14 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |