Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP797J Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP797J
Szczegółowy opis  Telecommunication Measurement Instrumenation FA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP797J Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP797J_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP797J_14 Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TLP797J
2014-09-22
1
TOSHIBA Photocoupler Photo Relay
TLP797J
Telecommunication
Measurement Instrumenation
FA
The TOSHIBA TLP797J consists of an aluminum gallium arsenide
infrared emitting diode optically coupled to a photo-MOS FET in a six lead
plastic DIP package (DIP6).
The TLP797J is a bi-directional switch can replace mechanical relays in
many applications.
• 6 pin DIP (DIP6)
• 1-form-A
• Peak off-state voltage: 600 V (min)
• Trigger LED current: 5 mA (max)
• On-state current: 100 mA (max)
• On-state resistance: 35 Ω (max)
• Isolation voltage: 5000 Vrms (min)
• UL recognized: UL1577, file No. E67349
• Option(D4) type
VDE approved: DIN EN 60747-5-2
Certificate No. 40009302
Maximum operating insulation voltage: 890 Vpk
Maximum permissible over voltage: 6000 Vpk
Note: When ordering an EN60747-5-2 approved device,
"Option (D4)" should be designated.
• Construction mechanical rating
Schematic
7.62 mm pitch
standard type
10.16 mm pitch
TLPXXXF type
Creepage distance
Clearance
Insulation thickness
7.0 mm (min)
7.0 mm (min)
0.4 mm (min)
8.0 mm (min)
8.0 mm (min)
0.4 mm (min)
Note: When applying safety standard certification,
use the standard part number, e.g., TLP797J.
Pin Configurations (top view)
Unit: mm
JEDEC
JEITA
TOSHIBA
11-7A8
Weight: 0.4 g (typ.)
1: Anode
2: Cathode
3: N.C.
4: Drain D1
5: Source
6: Drain D2
1
3
6
4
5
2
Start of commercial production
2001/07


Podobny numer części - TLP797J_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP797JF TOSHIBA-TLP797JF Datasheet
408Kb / 7P
   TOSHIBA Photocoupler Photo Relay
2019-06-24
TLP797J TOSHIBA-TLP797J_07 Datasheet
161Kb / 7P
   Measurement Instrumenation
More results

Podobny opis - TLP797J_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP797J TOSHIBA-TLP797J Datasheet
251Kb / 6P
   TELECOMMUNICATION MEASUREMENT EQUIPMENT FA
TLP4027G TOSHIBA-TLP4027G_07 Datasheet
176Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4172G TOSHIBA-TLP4172G_07 Datasheet
161Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4222G TOSHIBA-TLP4222G_07 Datasheet
192Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4202G TOSHIBA-TLP4202G Datasheet
134Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4192G TOSHIBA-TLP4192G Datasheet
165Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4202G TOSHIBA-TLP4202G_07 Datasheet
162Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4007G TOSHIBA-TLP4007G_07 Datasheet
174Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4007G TOSHIBA-TLP4007G Datasheet
156Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4222G TOSHIBA-TLP4222G Datasheet
137Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com