Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP7920 Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części TLP7920
Szczegółowy opis  Photocouplers Optically Isolation Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP7920 Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  TLP7920 Datasheet HTML 1Page - Toshiba Semiconductor TLP7920 Datasheet HTML 2Page - Toshiba Semiconductor TLP7920 Datasheet HTML 3Page - Toshiba Semiconductor TLP7920 Datasheet HTML 4Page - Toshiba Semiconductor TLP7920 Datasheet HTML 5Page - Toshiba Semiconductor TLP7920 Datasheet HTML 6Page - Toshiba Semiconductor TLP7920 Datasheet HTML 7Page - Toshiba Semiconductor TLP7920 Datasheet HTML 8Page - Toshiba Semiconductor TLP7920 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TLP7920,TLP7920F
2
5.
5.
5.
5. Pin Assignment
Pin Assignment
Pin Assignment
Pin Assignment
5.1.
5.1.
5.1.
5.1. Pin Functions
Pin Functions
Pin Functions
Pin Functions
Pin No.
1
2
3
4
5
6
7
8
Symbol
VDD1
VIN+
VIN-
GND1
GND2
VOUT-
VOUT+
VDD2
Description
Input side supply voltage
Positive input
Negative input
Input side ground
Output side ground
Negative output
Positive output
Output side supply voltage
6.
6.
6.
6. Internal Circuit (Note)
Internal Circuit (Note)
Internal Circuit (Note)
Internal Circuit (Note)
Note:
A 0.1 µF bypass capacitor must be connected between 1 and 4 pins and between 5 and 8 pins.
7.
7.
7.
7. Principle of Operation
Principle of Operation
Principle of Operation
Principle of Operation
7.1.
7.1.
7.1.
7.1. Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Characteristics
Creepage distances
Clearance
Internal isolation thickness
7.62-mm Pitch
TLP7920
7.0 (min)
7.0 (min)
0.4 (min)
10.16-mm Pitch
TLP7920F
8.0 (min)
8.0 (min)
0.4 (min)
Unit
mm
2015-09-10
Rev.1.0
©2015 Toshiba Corporation


Podobny numer części - TLP7920

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP7930 TOSHIBA-TLP7930 Datasheet
537Kb / 18P
   Photocouplers Optically Isolated Delta-Sigma Modulator
TLP7930F TOSHIBA-TLP7930F Datasheet
537Kb / 18P
   Photocouplers Optically Isolated Delta-Sigma Modulator
TLP795G TOSHIBA-TLP795G Datasheet
324Kb / 6P
   PHOTO RELAY
TLP797GA TOSHIBA-TLP797GA Datasheet
130Kb / 5P
   Cordless Telephone
TLP797GA TOSHIBA-TLP797GA Datasheet
66Kb / 4P
   6 pin DIP (DIP6)
More results

Podobny opis - TLP7920

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP7820 TOSHIBA-TLP7820 Datasheet
586Kb / 15P
   Photocouplers Optically Isolation Amplifiers
2020-06-25 Rev.9.0
logo
Texas Instruments
3650HG TI-3650HG Datasheet
149Kb / 14P
[Old version datasheet]   Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
Burr-Brown (TI)
3650 BURR-BROWN-3650 Datasheet
127Kb / 13P
   Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
Toshiba Semiconductor
TLP7830 TOSHIBA-TLP7830 Datasheet
252Kb / 9P
   Photocouplers Optically Isolated Delta-Sigma Modulator
TLP7930 TOSHIBA-TLP7930 Datasheet
537Kb / 18P
   Photocouplers Optically Isolated Delta-Sigma Modulator
logo
Burr-Brown (TI)
ISO100 BURR-BROWN-ISO100 Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
logo
Bedford Opto Technology...
OPI3000MC BOT-OPI3000MC Datasheet
132Kb / 2P
   Optically Coupled Isolator 30kV Isolation
OPI3000P BOT-OPI3000P Datasheet
35Kb / 2P
   Optically Coupled Isolator 30kV Isolation
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790A-500E AVAGO-ACPL-790A-500E Datasheet
198Kb / 15P
   Precision Isolation Amplifiers
ACPL-7900-500E AVAGO-ACPL-7900-500E Datasheet
1Mb / 15P
   Precision Isolation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com