Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP7920F Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP7920F
Szczegółowy opis  Photocouplers Optically Isolation Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP7920F Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP7920F Datasheet HTML 1Page - Toshiba Semiconductor TLP7920F Datasheet HTML 2Page - Toshiba Semiconductor TLP7920F Datasheet HTML 3Page - Toshiba Semiconductor TLP7920F Datasheet HTML 4Page - Toshiba Semiconductor TLP7920F Datasheet HTML 5Page - Toshiba Semiconductor TLP7920F Datasheet HTML 6Page - Toshiba Semiconductor TLP7920F Datasheet HTML 7Page - Toshiba Semiconductor TLP7920F Datasheet HTML 8Page - Toshiba Semiconductor TLP7920F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TLP7920,TLP7920F
1
Photocouplers Optically Isolation Amplifiers
TLP7920,TLP7920F
TLP7920,TLP7920F
TLP7920,TLP7920F
TLP7920,TLP7920F
1.
1.
1.
1. Applications
Applications
Applications
Applications
Motor phase and rail current sensing
Power inverter current and voltage sensing
2.
2.
2.
2. General
General
General
General
The TLP7920 and TLP7920F of isolation amplifiers is designed for current sensing in electronic motor drives. In
a typical implementation, motor currents flow through an external resistor and the resulting analog voltage drop
is sensed by the TLP7920 or TLP7920F.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Output side supply voltage: 3.0 to 5.5 V
(2)
Output side supply current: 6.2 mA (typ.)
(3)
Operating temperature range: -40 to 105 
(4)
Common-mode transient immunity: 15 kV/µs (min)
4.
4.
4.
4. Packaging (Note)
Packaging (Note)
Packaging (Note)
Packaging (Note)
TLP7920
11-10C4S
TLP7920(LF1,TP1)
11-10C401S
TLP7920(LF5,TP5)
11-10C405S
TLP7920F
11-10C402S
TLP7920F(LF4,TP4)
11-10C404S
Note:
Through hole type: TLP7920, TLP7920F
Lead forming option: (LF1),(LF4),(LF5)
Taping option: (TP1),(TP4),(TP5)
2015-09-10
Rev.1.0
©2015 Toshiba Corporation


Podobny numer części - TLP7920F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP7930 TOSHIBA-TLP7930 Datasheet
537Kb / 18P
   Photocouplers Optically Isolated Delta-Sigma Modulator
TLP7930F TOSHIBA-TLP7930F Datasheet
537Kb / 18P
   Photocouplers Optically Isolated Delta-Sigma Modulator
TLP795G TOSHIBA-TLP795G Datasheet
324Kb / 6P
   PHOTO RELAY
TLP797GA TOSHIBA-TLP797GA Datasheet
130Kb / 5P
   Cordless Telephone
TLP797GA TOSHIBA-TLP797GA Datasheet
66Kb / 4P
   6 pin DIP (DIP6)
More results

Podobny opis - TLP7920F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP7820 TOSHIBA-TLP7820 Datasheet
586Kb / 15P
   Photocouplers Optically Isolation Amplifiers
2020-06-25 Rev.9.0
logo
Texas Instruments
3650HG TI-3650HG Datasheet
149Kb / 14P
[Old version datasheet]   Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
Burr-Brown (TI)
3650 BURR-BROWN-3650 Datasheet
127Kb / 13P
   Optically-Coupled Linear ISOLATION AMPLIFIERS
logo
Toshiba Semiconductor
TLP7830 TOSHIBA-TLP7830 Datasheet
252Kb / 9P
   Photocouplers Optically Isolated Delta-Sigma Modulator
TLP7930 TOSHIBA-TLP7930 Datasheet
537Kb / 18P
   Photocouplers Optically Isolated Delta-Sigma Modulator
logo
Burr-Brown (TI)
ISO100 BURR-BROWN-ISO100 Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
logo
Bedford Opto Technology...
OPI3000MC BOT-OPI3000MC Datasheet
132Kb / 2P
   Optically Coupled Isolator 30kV Isolation
OPI3000P BOT-OPI3000P Datasheet
35Kb / 2P
   Optically Coupled Isolator 30kV Isolation
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-790A-500E AVAGO-ACPL-790A-500E Datasheet
198Kb / 15P
   Precision Isolation Amplifiers
ACPL-7900-500E AVAGO-ACPL-7900-500E Datasheet
1Mb / 15P
   Precision Isolation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com