Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP7930 Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TLP7930
Szczegółowy opis  Photocouplers Optically Isolated Delta-Sigma Modulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP7930 Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TLP7930 Datasheet HTML 1Page - Toshiba Semiconductor TLP7930 Datasheet HTML 2Page - Toshiba Semiconductor TLP7930 Datasheet HTML 3Page - Toshiba Semiconductor TLP7930 Datasheet HTML 4Page - Toshiba Semiconductor TLP7930 Datasheet HTML 5Page - Toshiba Semiconductor TLP7930 Datasheet HTML 6Page - Toshiba Semiconductor TLP7930 Datasheet HTML 7Page - Toshiba Semiconductor TLP7930 Datasheet HTML 8Page - Toshiba Semiconductor TLP7930 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TLP7930,TLP7930F
4
8.
8.
8.
8. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Supply Voltages
Steady-state input voltages
Two-second transient input voltages
Input power dissipation
Digital output voltage
Operating temperature
Output power dissipation
Storage temperature
Lead soldering temperature
Isolation voltage
(10 s)
AC, 60 s, R.H. ≤ 60 %
Symbol
VDD1, VDD2
VIN+, VIN-
VIN+, VIN-
PD
MCLK, MDAT
Topr
PO
Tstg
Tsol
BVS
Note
(Note 1)
(Note 1)
(Note 2)
(Note 3)
Rating
-0.5 to 6
-0.5 to 6
-6 to 6
72
-0.5 to 6
-40 to 105
48
-55 to 125
260
5000
Unit
V
mW
V
mW
Vrms
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note:
Ceramic capacitors (0.1 µF) should be connected between 1 and 4 pins and between 5 and 8 pins to stabilize
the operation. Otherwise, this photocoupler may not switch properly. The bypass capacitors should be placed
as close as possible to each pin.
Note 1: Input power dissipation derating(Ta≥114.2):-6.7 mW/
Output power dissipation derating(Ta≥117.8):-6.7 mW/
Note 2: ≥ 2 mm below seating plane.
Note 3: This device is considered as a two-terminal device: Pins 1, 2, 3 and 4 are shorted together, and pins 5, 6, 7
and 8 are shorted together.
9.
9.
9.
9. Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Recommended Operating Conditions (Note)
Characteristics
Input side supply voltage
Output side supply voltage
Analog input voltage
Ambient temperature
Symbol
VDD1
VDD2
VIN+, VIN-
Ta
Note
(Note 1),
(Note 2)
Min
4.5
3
-200
-40
Typ.
5
Max
5.5
5.5
200
105
Unit
V
mV
Note:
The recommended operating conditions are given as a design guide necessary to obtain the intended
performance of the device. Each parameter is an independent value. When creating a system design using
this device, the electrical characteristics specified in this datasheet should also be considered.
Note 1: FSR = ±320 mV
Note 2: When either VIN+ or VIN- or both are equal to or greater than VDD1 - 2 V (e.g., if VDD1 = 5 V, when VIN+ and/or
VIN- are equal to or greater than 5 V - 2 V = 3 V), isolation amplifiers go into one of the test modes. Do not
raise either VIN+ or VIN- above this voltage to keep the device in functional mode.
2016-04-14
Rev.2.0
©2016 Toshiba Corporation


Podobny numer części - TLP7930

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP7920 TOSHIBA-TLP7920 Datasheet
231Kb / 11P
   Photocouplers Optically Isolation Amplifiers
TLP7920F TOSHIBA-TLP7920F Datasheet
231Kb / 11P
   Photocouplers Optically Isolation Amplifiers
TLP795G TOSHIBA-TLP795G Datasheet
324Kb / 6P
   PHOTO RELAY
TLP797GA TOSHIBA-TLP797GA Datasheet
130Kb / 5P
   Cordless Telephone
TLP797GA TOSHIBA-TLP797GA Datasheet
66Kb / 4P
   6 pin DIP (DIP6)
More results

Podobny opis - TLP7930

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP7830 TOSHIBA-TLP7830 Datasheet
252Kb / 9P
   Photocouplers Optically Isolated Delta-Sigma Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
   Optically Isolated Sigma-Delta Modulator
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
   Optically Isolated Sigma-Delta Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com