Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP7930 Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TLP7930
Szczegółowy opis  Photocouplers Optically Isolated Delta-Sigma Modulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP7930 Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TLP7930 Datasheet HTML 1Page - Toshiba Semiconductor TLP7930 Datasheet HTML 2Page - Toshiba Semiconductor TLP7930 Datasheet HTML 3Page - Toshiba Semiconductor TLP7930 Datasheet HTML 4Page - Toshiba Semiconductor TLP7930 Datasheet HTML 5Page - Toshiba Semiconductor TLP7930 Datasheet HTML 6Page - Toshiba Semiconductor TLP7930 Datasheet HTML 7Page - Toshiba Semiconductor TLP7930 Datasheet HTML 8Page - Toshiba Semiconductor TLP7930 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TLP7930,TLP7930F
5
10.
10.
10.
10. Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
10.1.
10.1.
10.1.
10.1. DC Characteristics (Note) (Unless otherwise specified, T
DC Characteristics (Note) (Unless otherwise specified, T
DC Characteristics (Note) (Unless otherwise specified, T
DC Characteristics (Note) (Unless otherwise specified, Taaaa = -40 to 105
= -40 to 105
= -40 to 105
= -40 to 105 
,,,,
V
V
V
VDD1
DD1
DD1
DD1
= 4.5 to 5.5 V, V
= 4.5 to 5.5 V, V
= 4.5 to 5.5 V, V
= 4.5 to 5.5 V, VDD2
DD2
DD2
DD2
= 3 to 5.5 V, V
= 3 to 5.5 V, V
= 3 to 5.5 V, V
= 3 to 5.5 V, VIN+
IN+
IN+
IN+
= -200 to 200 mV, V
= -200 to 200 mV, V
= -200 to 200 mV, V
= -200 to 200 mV, VIN-
IN-
IN-
IN-
= 0 V)
= 0 V)
= 0 V)
= 0 V)
Characteristics
Integral non-linearity
Differential non-linearity
Input offset voltage
Input offset voltage drift vs ambient
temperature
Input offset voltage drift vs input side
supply voltage
Internal Reference Voltage
Gain error
Input common-mode rejection ratio
Signal-to-noise ratio
Signal-to-(noise + distortion) Ratio
Effective number of bits
Total harmonic distortion
Input side supply current (VDD1)
Output side supply current (VDD2)
Low-level output voltage
High-level output voltage
Output short-circuit current
Equivalent input resistance
Symbol
INL
DNL
VOS
|dVOS/dTa|
|dVOS/dVDD1|
VREF
GE
CMRRIN
SNR
SNDR
ENOB
THD
IDD1
IDD2
VOL
VOH
IOSC
RIN
Test Condition
Ta = -40 to 85 
Ta = 105 
Ta = 25 
Ta = -40 to 105 
VIN+ = 400 mVp-p,
1 kHz sine wave
VIN+ = 0 V
VIN+ = 0 V, VDD2 = 3.3 V
VIN+ = 0 V, VDD2 = 5 V
IOUT = 200 µA
IOUT = -200 µA, VDD2 = 3.3 V
IOUT = -200 µA, VDD2 = 5 V
Min
-15
-25
-0.9
0.3
-1
-2
68
65
3.1
4.8
Typ.
4
4
0.5
1.4
150
320
0.1
0.1
74
80
75
12
-78
8.5
4.6
4.9
0.03
3.2
4.9
11
80
Max
15
25
0.9
3.2
10
1
2
12
7
8
0.05
Unit
LSB
LSB
mV
µV/
µV/V
mV
%
dB
dB
bits
dB
mA
mA
V
V
mA
kΩ
Note:
Tested with a Sinc3 filter with a decimation ratio of 256 (with the decimation filter output configured to 16 bits).
Note:
All typical values are at VDD1 = 5 V, VDD2 = 5 V, Ta = 25 , unless otherwise noted.
10.2.
10.2.
10.2.
10.2. AC Characteristics (Note) (Unless otherwise specified, T
AC Characteristics (Note) (Unless otherwise specified, T
AC Characteristics (Note) (Unless otherwise specified, T
AC Characteristics (Note) (Unless otherwise specified, Taaaa = -40 to 105
= -40 to 105
= -40 to 105
= -40 to 105 
,,,,
V
V
V
VDD1
DD1
DD1
DD1
= 4.5 to 5.5 V, V
= 4.5 to 5.5 V, V
= 4.5 to 5.5 V, V
= 4.5 to 5.5 V, VDD2
DD2
DD2
DD2
= 3 to 5.5 V)
= 3 to 5.5 V)
= 3 to 5.5 V)
= 3 to 5.5 V)
Characteristics
Output clock frequency
Access time after MCLK rising edge
Hold time after MCLK rising edge
Common-mode transient immunity
Symbol
fCLK
ta
th
CMTI
Test Condition
CL = 15 pF
VCM = 1 kV, Ta = 25 
Min
8.5
10
15
Typ.
10
33
24
20
Max
11.5
45
Unit
MHz
ns
kV/µs
Note:
All typical values are at Ta = 25 .
CL is approximately 15 pF which includes probe and stray wiring capacitance.
11.
11.
11.
11. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Total capacitance (input to output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Condition
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60 %
AC, 60 s
AC, 1 s in oil
DC, 60 s in oil
Min
1 × 1012
5000
Typ.
1.0
1014
10000
10000
Max
Unit
pF
Vrms
Vdc
Note 1: This device is considered as a two-terminal device: Pins 1, 2, 3 and 4 are shorted together, and pins 5, 6, 7
and 8 are shorted together.
2016-04-14
Rev.2.0
©2016 Toshiba Corporation


Podobny numer części - TLP7930

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP7920 TOSHIBA-TLP7920 Datasheet
231Kb / 11P
   Photocouplers Optically Isolation Amplifiers
TLP7920F TOSHIBA-TLP7920F Datasheet
231Kb / 11P
   Photocouplers Optically Isolation Amplifiers
TLP795G TOSHIBA-TLP795G Datasheet
324Kb / 6P
   PHOTO RELAY
TLP797GA TOSHIBA-TLP797GA Datasheet
130Kb / 5P
   Cordless Telephone
TLP797GA TOSHIBA-TLP797GA Datasheet
66Kb / 4P
   6 pin DIP (DIP6)
More results

Podobny opis - TLP7930

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP7830 TOSHIBA-TLP7830 Datasheet
252Kb / 9P
   Photocouplers Optically Isolated Delta-Sigma Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
   Optically Isolated Sigma-Delta Modulator
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
   Optically Isolated Sigma-Delta Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com