Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP7930 Arkusz danych(PDF) 8 Page - Toshiba Semiconductor

Numer części TLP7930
Szczegółowy opis  Photocouplers Optically Isolated Delta-Sigma Modulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP7930 Arkusz danych(HTML) 8 Page - Toshiba Semiconductor

Back Button TLP7930 Datasheet HTML 4Page - Toshiba Semiconductor TLP7930 Datasheet HTML 5Page - Toshiba Semiconductor TLP7930 Datasheet HTML 6Page - Toshiba Semiconductor TLP7930 Datasheet HTML 7Page - Toshiba Semiconductor TLP7930 Datasheet HTML 8Page - Toshiba Semiconductor TLP7930 Datasheet HTML 9Page - Toshiba Semiconductor TLP7930 Datasheet HTML 10Page - Toshiba Semiconductor TLP7930 Datasheet HTML 11Page - Toshiba Semiconductor TLP7930 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TLP7930,TLP7930F
8
13.
13.
13.
13. Soldering and Storage
Soldering and Storage
Soldering and Storage
Soldering and Storage
13.1.
13.1.
13.1.
13.1. Precautions for Soldering
Precautions for Soldering
Precautions for Soldering
Precautions for Soldering
The soldering temperature should be controlled as closely as possible to the conditions shown below, irrespective
of whether a soldering iron or a reflow soldering method is used.
When using soldering reflow.
The soldering temperature profile is based on the package surface temperature.
(See the figure shown below, which is based on the package surface temperature.)
Reflow soldering must be performed once or twice.
The mounting should be completed with the interval from the first to the last mountings being 2 weeks.
Fig.
Fig.
Fig.
Fig. 13.1.1
13.1.1
13.1.1
13.1.1 An example of a temperature profile when lead(Pb)-free solder is used
An example of a temperature profile when lead(Pb)-free solder is used
An example of a temperature profile when lead(Pb)-free solder is used
An example of a temperature profile when lead(Pb)-free solder is used
When using soldering flow
Preheat the device at a temperature of 150  (package surface temperature) for 60 to 120 seconds.
Mounting condition of 260  within 10 seconds is recommended.
Flow soldering must be performed once.
When using soldering Iron
Complete soldering within 10 seconds for lead temperature not exceeding 260  or within 3 seconds not
exceeding 350 
Heating by soldering iron must be done only once per lead.
13.2.
13.2.
13.2.
13.2. Precautions for General Storage
Precautions for General Storage
Precautions for General Storage
Precautions for General Storage
Avoid storage locations where devices may be exposed to moisture or direct sunlight.
Follow the precautions printed on the packing label of the device for transportation and storage.
Keep the storage location temperature and humidity within a range of 5  to 35  and 45 % to 75 %,
respectively.
Do not store the products in locations with poisonous gases (especially corrosive gases) or in dusty
conditions.
Store the products in locations with minimal temperature fluctuations. Rapid temperature changes during
storage can cause condensation, resulting in lead oxidation or corrosion, which will deteriorate the
solderability of the leads.
When restoring devices after removal from their packing, use anti-static containers.
Do not allow loads to be applied directly to devices while they are in storage.
If devices have been stored for more than two years under normal storage conditions, it is recommended
that you check the leads for ease of soldering prior to use.
2016-04-14
Rev.2.0
©2016 Toshiba Corporation


Podobny numer części - TLP7930

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP7920 TOSHIBA-TLP7920 Datasheet
231Kb / 11P
   Photocouplers Optically Isolation Amplifiers
TLP7920F TOSHIBA-TLP7920F Datasheet
231Kb / 11P
   Photocouplers Optically Isolation Amplifiers
TLP795G TOSHIBA-TLP795G Datasheet
324Kb / 6P
   PHOTO RELAY
TLP797GA TOSHIBA-TLP797GA Datasheet
130Kb / 5P
   Cordless Telephone
TLP797GA TOSHIBA-TLP797GA Datasheet
66Kb / 4P
   6 pin DIP (DIP6)
More results

Podobny opis - TLP7930

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP7830 TOSHIBA-TLP7830 Datasheet
252Kb / 9P
   Photocouplers Optically Isolated Delta-Sigma Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
   Optically Isolated Sigma-Delta Modulator
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
   Optically Isolated Sigma-Delta Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com