Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP7930 Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TLP7930
Szczegółowy opis  Photocouplers Optically Isolated Delta-Sigma Modulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP7930 Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TLP7930 Datasheet HTML 1Page - Toshiba Semiconductor TLP7930 Datasheet HTML 2Page - Toshiba Semiconductor TLP7930 Datasheet HTML 3Page - Toshiba Semiconductor TLP7930 Datasheet HTML 4Page - Toshiba Semiconductor TLP7930 Datasheet HTML 5Page - Toshiba Semiconductor TLP7930 Datasheet HTML 6Page - Toshiba Semiconductor TLP7930 Datasheet HTML 7Page - Toshiba Semiconductor TLP7930 Datasheet HTML 8Page - Toshiba Semiconductor TLP7930 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TLP7930,TLP7930F
3
5.
5.
5.
5. Pin Assignment
Pin Assignment
Pin Assignment
Pin Assignment
5.1.
5.1.
5.1.
5.1. Pin Description
Pin Description
Pin Description
Pin Description
Pin No.
1
2
3
4
5
6
7
8
Symbol
VDD1
VIN+
VIN-
GND1
GND2
MDAT
MCLK
VDD2
Description
Input side supply voltage
Positive input
Negative input
Input side ground
Output side ground
Modulator data output
Modulator clock output
Output side supply voltage
6.
6.
6.
6. Internal Circuit (Note)
Internal Circuit (Note)
Internal Circuit (Note)
Internal Circuit (Note)
Note:
A 0.1-µF bypass capacitor must be connected between 1 and 4 pins and between 5 and 8 pins.
7.
7.
7.
7. Principle of Operation
Principle of Operation
Principle of Operation
Principle of Operation
7.1.
7.1.
7.1.
7.1. Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Characteristics
Creepage distances
Clearance
Internal isolation thickness
7.62-mm Pitch
TLP7930
7.0 (min)
7.0 (min)
0.4 (min)
10.16-mm Pitch
TLP7930F
8.0 (min)
8.0 (min)
0.4 (min)
Unit
mm
2016-04-14
Rev.2.0
©2016 Toshiba Corporation


Podobny numer części - TLP7930

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP7920 TOSHIBA-TLP7920 Datasheet
231Kb / 11P
   Photocouplers Optically Isolation Amplifiers
TLP7920F TOSHIBA-TLP7920F Datasheet
231Kb / 11P
   Photocouplers Optically Isolation Amplifiers
TLP795G TOSHIBA-TLP795G Datasheet
324Kb / 6P
   PHOTO RELAY
TLP797GA TOSHIBA-TLP797GA Datasheet
130Kb / 5P
   Cordless Telephone
TLP797GA TOSHIBA-TLP797GA Datasheet
66Kb / 4P
   6 pin DIP (DIP6)
More results

Podobny opis - TLP7930

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP7830 TOSHIBA-TLP7830 Datasheet
252Kb / 9P
   Photocouplers Optically Isolated Delta-Sigma Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
   Optically Isolated Sigma-Delta Modulator
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
   Optically Isolated Sigma-Delta Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com