Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP666L-S Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TLP666L-S
Szczegółowy opis  TOSHIBA Photocoupler GaAs IRED and Photo?뭈riac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP666L-S Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TLP666L-S Datasheet HTML 1Page - Toshiba Semiconductor TLP666L-S Datasheet HTML 2Page - Toshiba Semiconductor TLP666L-S Datasheet HTML 3Page - Toshiba Semiconductor TLP666L-S Datasheet HTML 4Page - Toshiba Semiconductor TLP666L-S Datasheet HTML 5Page - Toshiba Semiconductor TLP666L-S Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLP666L(S)
2014-09-01
5
Normalized IFT – Ta
Normalized IH – Ta
Ambient temperature
Ta (
°C)
Ambient temperature
Ta (
°C)
Normalized IDRM ─ Ta
Normalized VDRM ─ Ta
Ambient temperature
Ta (
°C)
Ambient temperature
Ta (
°C)
Normalized VIH – Ta
Normalized IIH – Ta
Ambient temperature
Ta (
°C)
Ambient temperature
Ta (
°C)
* The above graphs show typical characteristics.
2
3
0.5
0.3
1.2
V = 3V
T
-40
-20
0
204060
80
100
0.1
1
2
3
0.5
0.3
1.2
-40
-20
0
204060
80
100
0.1
1
V
= Rated
DRM
0
20
406080
100
100
101
102
103
-40
-20
0
20
406080
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
I = Rated I
1.2
3
2
0.3
0.5
F
FFT
-40
-20
0
20406080
100
0.1
1
I = Rated I
1.2
3
2
0.3
0.5
F
FFT
V = Rated V
TDRM
-40
-20
0
20406080
100
0.1
1


Podobny numer części - TLP666L-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP666G TOSHIBA-TLP666G Datasheet
157Kb / 6P
   Photocoupler GaAs Ired & Photo-Triac
TLP666GF TOSHIBA-TLP666GF Datasheet
103Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP666J TOSHIBA-TLP666J Datasheet
162Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP666JF TOSHIBA-TLP666JF Datasheet
93Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results

Podobny opis - TLP666L-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP160J TOSHIBA-TLP160J_14 Datasheet
217Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP161G TOSHIBA-TLP161G_14 Datasheet
217Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP561G TOSHIBA-TLP561G_15 Datasheet
309Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP763J TOSHIBA-TLP763J_14 Datasheet
182Kb / 5P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP560G TOSHIBA-TLP560G_14 Datasheet
234Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP560J TOSHIBA-TLP560J_14 Datasheet
214Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP561J TOSHIBA-TLP561J_14 Datasheet
453Kb / 6P
   TOSHIBA Photocoupler GaAs IRed and Photo?뭈riac
TLP762J TOSHIBA-TLP762J_14 Datasheet
188Kb / 5P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP166J TOSHIBA-TLP166J_14 Datasheet
163Kb / 4P
   TOSHIBA Photocoupler GaAs Ired plus Photo?뭈riac
TLP548J TOSHIBA-TLP548J_14 Datasheet
273Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Thyristor
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com