Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP666L-S Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP666L-S
Szczegółowy opis  TOSHIBA Photocoupler GaAs IRED and Photo?뭈riac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP666L-S Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP666L-S Datasheet HTML 1Page - Toshiba Semiconductor TLP666L-S Datasheet HTML 2Page - Toshiba Semiconductor TLP666L-S Datasheet HTML 3Page - Toshiba Semiconductor TLP666L-S Datasheet HTML 4Page - Toshiba Semiconductor TLP666L-S Datasheet HTML 5Page - Toshiba Semiconductor TLP666L-S Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP666L(S)
2014-09-01
1
TOSHIBA Photocoupler GaAs IRED & Photo
−Triac
TLP666L(S)
Office Equipment
Household Appliances
Triac Drivers
Solid State Relays
The TOSHIBA TLP666L(S) consists of a GaAs infrared emitting diode
optically coupled to a triac-output photocoupler featuring a zero-cross
voltage and is housed in a 6-pin DIP package.
Features
• Peak off-state voltage: 800 V (min)
• Trigger LED current: 10 mA (max)
• On-state current: 100 mA (max)
• Isolation voltage: 5000 Vrms (min)
• UL recognized: UL1577, file No. E67349
• Option(D4) type
VDE approved: DIN EN 60747-5-2
Certificate No. 40009302
Maximum operating insulation voltage: 890 Vpk
Maximum permissible over voltage: 8000 Vpk
Note: When ordering an EN60747-5-2 approved device, "Option (D4)" should be designated.
When applying safety standard certification, use the standard part number, i.e. TLP666L.
• Construction mechanical rating
7.62 mm pitch
standard type
10.16 mm pitch
TLPXXXF type
Creepage distance
Clearance
Insulation thickness
7.0 mm (min)
7.0 mm (min)
0.4 mm (min)
8.0 mm (min)
8.0 mm (min)
0.4 mm (min)
JEDEC
JEITA
TOSHIBA
11-7A9
Weight: 0.39 g (typ.)
Unit: mm
Pin configuration (top view)
1: Anode
2: Cathode
3: N.C.
4:Terminal 1
6:Terminal 2
ZC:Zero-cross Circuit
1
2
3
4
6
ZC
Start of commercial production
2006/10


Podobny numer części - TLP666L-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP666G TOSHIBA-TLP666G Datasheet
157Kb / 6P
   Photocoupler GaAs Ired & Photo-Triac
TLP666GF TOSHIBA-TLP666GF Datasheet
103Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP666J TOSHIBA-TLP666J Datasheet
162Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP666JF TOSHIBA-TLP666JF Datasheet
93Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results

Podobny opis - TLP666L-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP160J TOSHIBA-TLP160J_14 Datasheet
217Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP161G TOSHIBA-TLP161G_14 Datasheet
217Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP561G TOSHIBA-TLP561G_15 Datasheet
309Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP763J TOSHIBA-TLP763J_14 Datasheet
182Kb / 5P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP560G TOSHIBA-TLP560G_14 Datasheet
234Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP560J TOSHIBA-TLP560J_14 Datasheet
214Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP561J TOSHIBA-TLP561J_14 Datasheet
453Kb / 6P
   TOSHIBA Photocoupler GaAs IRed and Photo?뭈riac
TLP762J TOSHIBA-TLP762J_14 Datasheet
188Kb / 5P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP166J TOSHIBA-TLP166J_14 Datasheet
163Kb / 4P
   TOSHIBA Photocoupler GaAs Ired plus Photo?뭈riac
TLP548J TOSHIBA-TLP548J_14 Datasheet
273Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Thyristor
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com