Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP666L-S Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TLP666L-S
Szczegółowy opis  TOSHIBA Photocoupler GaAs IRED and Photo?뭈riac
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP666L-S Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TLP666L-S Datasheet HTML 1Page - Toshiba Semiconductor TLP666L-S Datasheet HTML 2Page - Toshiba Semiconductor TLP666L-S Datasheet HTML 3Page - Toshiba Semiconductor TLP666L-S Datasheet HTML 4Page - Toshiba Semiconductor TLP666L-S Datasheet HTML 5Page - Toshiba Semiconductor TLP666L-S Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP666L(S)
2014-09-01
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
10
μA
Capacitance
CT
V = 0, f = 1MHz
30
pF
Peak off-state current
IDRM
VDRM = 800V
10
1000
nA
Peak on-state voltage
VTM
ITM = 100mA
1.7
3.0
V
Holding current
IH
0.6
mA
Critical rate of rise of
off-state voltage
dv/dt
Vin = 240 Vrms, Ta = 85°C
(Note 2)
200
500
V/μs
Critical rate of rise of
commutating voltage
dv/dt(c)
Vin = 60 Vrms, IT = 15 mA
(Note 2)
0.2
V/μs
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Trigger LED current
IFT
VT = 3V
5
10
mA
Inhibit voltage
VIH
IF =Rated IFT
50
V
Leakage in inhibited state
IIH
IF =Rated IFT , VT = Rated VDRM
200
600
μA
Capacitance (input to output)
CS
VS = 0 , f = 1MHz
0.8
pF
Isolation resistance
RS
VS = 500 V, R.H. ≤ 60%
1×10
12
10
14
Isolation voltage
BVS
AC , 1minute
5000
Vrms
AC , 1second, in oil
10000
DC , 1minute, in oil
10000
Vdc
(Note 2) dv / dt test circuit
1
6
2
3
4
5 V, VCC
0 V
Vin
RL
4 kΩ
dv / dt (c)
VCC
+
dv / dt
Rin
120 Ω


Podobny numer części - TLP666L-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP666G TOSHIBA-TLP666G Datasheet
157Kb / 6P
   Photocoupler GaAs Ired & Photo-Triac
TLP666GF TOSHIBA-TLP666GF Datasheet
103Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP666J TOSHIBA-TLP666J Datasheet
162Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP666JF TOSHIBA-TLP666JF Datasheet
93Kb / 2P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results

Podobny opis - TLP666L-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP160J TOSHIBA-TLP160J_14 Datasheet
217Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP161G TOSHIBA-TLP161G_14 Datasheet
217Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP561G TOSHIBA-TLP561G_15 Datasheet
309Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP763J TOSHIBA-TLP763J_14 Datasheet
182Kb / 5P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP560G TOSHIBA-TLP560G_14 Datasheet
234Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP560J TOSHIBA-TLP560J_14 Datasheet
214Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP561J TOSHIBA-TLP561J_14 Datasheet
453Kb / 6P
   TOSHIBA Photocoupler GaAs IRed and Photo?뭈riac
TLP762J TOSHIBA-TLP762J_14 Datasheet
188Kb / 5P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP166J TOSHIBA-TLP166J_14 Datasheet
163Kb / 4P
   TOSHIBA Photocoupler GaAs Ired plus Photo?뭈riac
TLP548J TOSHIBA-TLP548J_14 Datasheet
273Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Thyristor
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com