Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP762J Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TLP762J
Szczegółowy opis  TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP762J Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TLP762J_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP762J_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP762J_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP762J_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP762J_14 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TLP762J
2014-09-22
4
IF – Ta
Ambient temperature Ta (°C)
0
20
60
100
120
60
40
20
100
0
-20
40
80
80
IT (RMS) – Ta
Ambient temperature Ta (°C)
0
20
60
100
120
120
80
40
200
0
-20
40
80
160
IFP – DR
Duty cycle ratio DR
3000
10
3
300
1000
500
3
10
0
30
100
50
3
10
-1
3
10
-2
10
-3
Pulse width ≦100μs
Ta = 25°C
IF – VF
Forward voltage VF (V)
100
0.1
0.6
1.8
0.3
1
0.5
1.4
1.6
1.0
1.2
0.8
3
10
5
30
50
Ta = 25°C
IFP – VFP
Pulse forward voltage VFP (V)
1000
1
0.6
3
10
5
2.2
2.6
1.4
1.8
1.0
30
100
50
300
500
Pulse width≦10μs
Repetitive frequency
= 100Hz
Ta = 25°C
∆VF / ∆Ta - IF
Forward current IF (mA)
-3.2
-0.4
0.1
-2.8
-2.4
30 50
-2.0
-1.6
-1.2
-0.8
3
5
10
0.3 0.5
1


Podobny numer części - TLP762J_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP762JF TOSHIBA-TLP762JF Datasheet
120Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP762JF TOSHIBA-TLP762JF Datasheet
128Kb / 2P
   GaAs Ired & Photo−Triac
TLP762JF TOSHIBA-TLP762JF_07 Datasheet
128Kb / 2P
   GaAs Ired & Photo−Triac
More results

Podobny opis - TLP762J_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP160J TOSHIBA-TLP160J_14 Datasheet
217Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP161G TOSHIBA-TLP161G_14 Datasheet
217Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP561G TOSHIBA-TLP561G_15 Datasheet
309Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP763J TOSHIBA-TLP763J_14 Datasheet
182Kb / 5P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP666L-S TOSHIBA-TLP666L-S Datasheet
228Kb / 6P
   TOSHIBA Photocoupler GaAs IRED and Photo?뭈riac
TLP560G TOSHIBA-TLP560G_14 Datasheet
234Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP560J TOSHIBA-TLP560J_14 Datasheet
214Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP561J TOSHIBA-TLP561J_14 Datasheet
453Kb / 6P
   TOSHIBA Photocoupler GaAs IRed and Photo?뭈riac
TLP166J TOSHIBA-TLP166J_14 Datasheet
163Kb / 4P
   TOSHIBA Photocoupler GaAs Ired plus Photo?뭈riac
TLP548J TOSHIBA-TLP548J_14 Datasheet
273Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Thyristor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com