Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP762J Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP762J
Szczegółowy opis  TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP762J Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP762J_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP762J_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP762J_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP762J_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP762J_14 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TLP762J
2014-09-22
1
TOSHIBA Photocoupler GaAs Ired & Photo
−Triac
TLP762J
Office Machine
Household Use Equipment
Triac Driver
Solid State Relay
The TOSHIBA TLP762J consists of a GaAs infrared LED optically
coupled to a photo-triac in a 6 lead plastic DIP.
• Peak off-state voltage: 600 V (min)
• Trigger LED current: 10 mA (max)
• On-state current: 100 mA (max)
• Isolation voltage: 4000 Vrms (min)
• UL recognized: UL1577, file no. E67349
• BSI approved: BS EN60065: 2002,
Certificate No. 8945
BS EN60950-1: 2002,
Certificate No. 8946
• SEMKO approved: SS EN60065 (EN60065, 1993)
SS EN60950 (EN60950, 1992)
SS EN60335 (EN60335, 1988)
Certificate No. 9522145
• Option (D4) type
VDE approved: DIN EN 60747-5-2
Certificate No. 40009373
Maximum operating insulation voltage: 890 VPk
Highest permissible over voltage: 6000 VPk
(Note) When an EN60747-5-2 approved type is needed,
please designate the “option (D4)”.
7.62 mm pitch
10.16 mm pitch
TLP762J type
TLP762JF type
• Creepage distance:
7.0 mm (min)
8.0 mm (min)
Clearance:
7.0 mm (min)
8.0 mm (min)
Internal creepage path: 4.0 mm (min)
4.0 mm (min)
Insulation thickness:
0.5 mm (min)
0.5 mm (min)
Pin configuration (top view)
Unit: mm
TOSHIBA
11−7A10
Weight: 0.42 g (typ.)
1 : Anode
2 : Cathode
3 : NC
4 : Terminal 1
6 : Terminal 2
6
4
2
1
3
Start of commercial production
1996/02


Podobny numer części - TLP762J_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP762JF TOSHIBA-TLP762JF Datasheet
120Kb / 2P
   OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP762JF TOSHIBA-TLP762JF Datasheet
128Kb / 2P
   GaAs Ired & Photo−Triac
TLP762JF TOSHIBA-TLP762JF_07 Datasheet
128Kb / 2P
   GaAs Ired & Photo−Triac
More results

Podobny opis - TLP762J_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP160J TOSHIBA-TLP160J_14 Datasheet
217Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP161G TOSHIBA-TLP161G_14 Datasheet
217Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP561G TOSHIBA-TLP561G_15 Datasheet
309Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP763J TOSHIBA-TLP763J_14 Datasheet
182Kb / 5P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP666L-S TOSHIBA-TLP666L-S Datasheet
228Kb / 6P
   TOSHIBA Photocoupler GaAs IRED and Photo?뭈riac
TLP560G TOSHIBA-TLP560G_14 Datasheet
234Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP560J TOSHIBA-TLP560J_14 Datasheet
214Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
TLP561J TOSHIBA-TLP561J_14 Datasheet
453Kb / 6P
   TOSHIBA Photocoupler GaAs IRed and Photo?뭈riac
TLP166J TOSHIBA-TLP166J_14 Datasheet
163Kb / 4P
   TOSHIBA Photocoupler GaAs Ired plus Photo?뭈riac
TLP548J TOSHIBA-TLP548J_14 Datasheet
273Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo-Thyristor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com