Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC2009 Arkusz danych(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Numer części MC2009
Szczegółowy opis  622 Mbps Pre-Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MC2009 Arkusz danych(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MC2009 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MC2009 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A CONEXANT BUSINESS
> Low cost IC, fabricated in
advanced sub-micron pure-
CMOS process.
> Receiver sensitivity better
than -32 dBm at 622 Mbps
> Minimum 415 MHz -6 dB
bandwidth and multi-pole roll
off allows a wide range of
operation up to 622 Mbps
> Typical differential transimped-
ance at low signal levels of 32 k.
> AGC gives continuous operation
to +3 dBm
> > 33 dB power-supply noise
rejection
> Typical 130 mW power
consumption
> Monitor O/P gives liner indica-
tion of received optical power
>
KE Y FEATURES
622 Mbps Pre-Amplifier
MC2009
+
+
Test
Oscillator
Band Gap
16KΩ
2.6V
2.6V
EN
AGC
Voltage
Regulator
Voltage
Regulator
470pF
PIN K
PIN A
MON
2.6V
DC Restore
and AGC
GND
Vcc
Vcc
GND
GND
GND
Time Constant
~ 32µs
~
DOUT
DOUT
>
The MC2009 is a low-noise, transimpedance amplifier
with AGC, manufactured in an advanced, low-cost, submi-
cron CMOS process. Its wide dynamic range, differential
output and high-PIN bias make it well suited for telecom-
munications, especially OC-12/STM-4. However, the
MC2009 is intended to meet the needs of both telecom
and datacom users. The MC2009 is designed to be used
with the MC2044C post-amplifier IC. When combined with
a photodiode, the chipset forms a high-performance,
low-cost 3.3V receiver.


Podobny numer części - MC2009

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MC2009 ETC2-MC2009 Datasheet
97Kb / 2P
   622 Mbps Pre-Amplifier
More results

Podobny opis - MC2009

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
02009-BRF-001-A MA-COM-02009-BRF-001-A Datasheet
97Kb / 2P
   622 Mbps Pre-Amplifier
logo
List of Unclassifed Man...
MC2009 ETC2-MC2009 Datasheet
97Kb / 2P
   622 Mbps Pre-Amplifier
logo
M/A-COM Technology Solu...
02007-BRF-001-A MA-COM-02007-BRF-001-A Datasheet
96Kb / 2P
   200 Mbps Pre-Amplifier
MC2006 MA-COM-MC2006 Datasheet
96Kb / 2P
   155 Mbps Pre-Amplifier
MC2007 MA-COM-MC2007 Datasheet
96Kb / 2P
   200 Mbps Pre-Amplifier
02006-BRF-001-A MA-COM-02006-BRF-001-A Datasheet
102Kb / 2P
   155 Mbps Pre-Amplifier
M02009 MA-COM-M02009 Datasheet
302Kb / 19P
   Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
02009-DSH-001-D MA-COM-02009-DSH-001-D Datasheet
302Kb / 19P
   Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
logo
Source Photonics, Inc.
SP-12-LR2-CNA SOURCE-SP-12-LR2-CNA Datasheet
472Kb / 7P
   622 Mbps SFP Transceiver
SP-12-IR1-CNA SOURCE-SP-12-IR1-CNA Datasheet
433Kb / 7P
   622 Mbps SFP Transceiver
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com