Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ13610TZE Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części LMZ13610TZE
Szczegółowy opis  10A SIMPLE SWITCHER Power Module
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ13610TZE Arkusz danych(HTML) 1 Page - Texas Instruments

  LMZ13610TZE Datasheet HTML 1Page - Texas Instruments LMZ13610TZE Datasheet HTML 2Page - Texas Instruments LMZ13610TZE Datasheet HTML 3Page - Texas Instruments LMZ13610TZE Datasheet HTML 4Page - Texas Instruments LMZ13610TZE Datasheet HTML 5Page - Texas Instruments LMZ13610TZE Datasheet HTML 6Page - Texas Instruments LMZ13610TZE Datasheet HTML 7Page - Texas Instruments LMZ13610TZE Datasheet HTML 8Page - Texas Instruments LMZ13610TZE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
VIN
CIN
3 x 10 PF
RFBT
CFF 4.7 nF (OPT)
See Table
CSS
0.47 PF
(OPT)
RFBB
See Table
COUT
2 x 330 PF
LMZ13610
VOUT
Enable
0
1
2
3
4
5
6
7
8
9
10
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
24 Vin
30 Vin
36Vin
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMZ13610
SNVS709G – MARCH 2011 – REVISED DECEMBER 2015
LMZ13610 10-A SIMPLE SWITCHER® Power Module With 36-V Maximum Input Voltage
1 Features
2 Applications
1
Integrated Shielded Inductor
Point-of-load Conversions from 12-V and 24-V
Input Rail
Simple PCB Layout
Time-Critical Projects
Fixed Switching Frequency (350 kHz)
Space Constrained / High Thermal Requirement
Flexible Start-up Sequencing Using External Soft-
Applications
Start, Tracking and Precision Enable
Negative Output Voltage Applications
Protection Against Inrush Currents and Faults
(See AN-2027 SNVA425)
Such as Input UVLO and Output Short Circuit
Junction Temperature Range –40°C to 125°C
3 Description
Single Exposed Pad and Standard Pinout for Easy
The LMZ13610 SIMPLE SWITCHER® power module
Mounting and Manufacturing
is an easy-to-use step-down DC-DC solution capable
Fully Enabled for WEBENCH® Power Designer
of driving up to 10-A load. The LMZ13610 is available
in an innovative package that enhances thermal
Pin Compatible With LMZ22010/08,
performance
and
allows
for
hand
or
machine
LMZ12010/08, LMZ23610/08/06H, and
soldering.
LMZ13608/06H
The LMZ13610 can accept an input voltage rail
Performance Benefits
between 6 V and 36 V and can deliver an adjustable
High Efficiency Reduces System Heat
and highly accurate output voltage as low as 0.8 V.
Generation
The LMZ13610 only requires two external resistors
Low Radiated Emissions (EMI) Tested to
and three external capacitors to complete the power
EN55022 Class B Standard
solution. The LMZ13610 is a reliable and robust
design with the following protection features: thermal
Only 7 External Components
shutdown, input undervoltage lockout, output over-
Low Output Voltage Ripple
voltage protection, short circuit protection, output
No External Heat Sink Required
current limit, and allows start-up into a prebiased
output.
Electrical Specifications
50-W Maximum Total Output Power
Device Information(1)(2)
Up to 10-A Output Current
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Input Voltage Range 6 V to 36 V
LMZ13610
NDY (11)
15.00 mm × 15.00 mm
Output Voltage Range 0.8 V to 6 V
(1) For all available packages, see the orderable addendum at
Efficiency up to 92%
the end of the data sheet.
(2) Peak reflow temperature equals 245°C. See SNAA214 for
NOTE:
EN 55022:2006, +A1:2007, FCC Part 15 Subpart B,
more details.
Tested on Evaluation Board with EMI Configuration
Simplified Application Schematic
Efficiency 3.3-V Output at 25°C
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - LMZ13610TZE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ13610TZE TI1-LMZ13610TZE Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
More results

Podobny opis - LMZ13610TZE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ22010 TI1-LMZ22010 Datasheet
1Mb / 36P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12010 TI1-LMZ12010 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
logo
National Semiconductor ...
LMZ12010 NSC-LMZ12010 Datasheet
1Mb / 22P
   10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ23608 TI1-LMZ23608_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
LMZ23610TZE TI-LMZ23610TZE Datasheet
1Mb / 31P
[Old version datasheet]   LMZ23610 10A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage and
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com