Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD4016M168VBB-5 Arkusz danych(PDF) 7 Page - List of Unclassifed Manufacturers

Numer części AD4016M168VBB-5
Szczegółowy opis  Low voltage operation is more suitable to be used on battery backup, portable electronic
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

AD4016M168VBB-5 Arkusz danych(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AD4016M168VBB-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD4016M168VBB-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD4016M168VBB-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD4016M168VBB-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD4016M168VBB-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD4016M168VBB-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD4016M168VBB-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD4016M168VBB-5 Datasheet HTML 10Page - List of Unclassifed Manufacturers AD4016M168VBB-5 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Rev.1
Page 7
Absolute Maximum Ratings
Recommended DC Operating Conditions
Capacitance
Ta = 25°C, VCC = 3.3V
%, f = 1MHz
Note: 1. Capacitance measured with effective capacitance measuring method.
2. RAS, CAS = VIH to disable Dout.
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VT
-0.5 to + 4.6
V
Supply voltage relative to Vss
VCC
-0.5 to + 4.6
V
Short circuit output current
IOUT
50
mA
Power dissipation
PD
1.0
W
Operating temperature
TOPT
0 to + 70
°C
Storage temperature
TSTG
-55 to + 125
°C
Parameter/Condition
Symbol
3.3 Volt Version
Unit
Min
Typ
Max
Supply Voltage
VCC
3.0
3.3
3.6
V
Input High Voltage, all inputs
VIH
2.0
- VCC + 0.3
V
Input Low Voltage, all inputs
VIL
-0.3
-
0.8
V
Parameter
Symbol
Typ
Max
Unit
Note
Input capacitance (Address)
CI1
-
5
pF
1
Input capacitance (RAS, CAS, OE, WE)
CI2
-
7
pF
1
Output capacitance
(Data-in, Data-out)
CI/O
-
7
pF
1, 2
10
±


Podobny numer części - AD4016M168VBB-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD4010 AD-AD4010 Datasheet
599Kb / 36P
   Precision, Pseudo Differential, SAR ADCs
AD4011 AD-AD4011 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
AD4011BCPZ-RL7 AD-AD4011BCPZ-RL7 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
More results

Podobny opis - AD4016M168VBB-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HD74ALVC2G04 HITACHI-HD74ALVC2G04 Datasheet
89Kb / 10P
   Low voltage and high speed operation is suitable for the battery powered products
logo
JMK Inc.
AA-1113-1 JMK-AA-1113-1 Datasheet
27Kb / 1P
   battery charger is designed to provide charging capability for lead acid batteries used as backup batteries for vehicular electronic systems
logo
Silicon Laboratories
EFM32WG390 SILABS-EFM32WG390 Datasheet
2Mb / 82P
   Operation from backup battery when main power drains out
EFM32WG990 SILABS-EFM32WG990 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG380 SILABS-EFM32WG380 Datasheet
2Mb / 82P
   Operation from backup battery when main power drains out
EFM32WG942 SILABS-EFM32WG942 Datasheet
2Mb / 78P
   Operation from backup battery when main power drains out
EFM32WG332 SILABS-EFM32WG332 Datasheet
2Mb / 76P
   Operation from backup battery when main power drains out
EFM32WG360 SILABS-EFM32WG360 Datasheet
1Mb / 75P
   Operation from backup battery when main power drains out
EFM32WG980 SILABS-EFM32WG980 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG995 SILABS-EFM32WG995 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com