Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5819 Arkusz danych(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Numer części SM5819
Szczegółowy opis  SCHOTTKY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Strona internetowa  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

SM5819 Arkusz danych(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  SM5819 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SM5819 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.1 -- FORWARD DERATING CURVE
FIG.2 -- PEAK FORWARD SURGE CURRENT
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD
X -CHARACTERISTICS
REVERSE VOLTAGE,VOLTS
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
TJ=25℃
f=1.0MHz
Vsig=50mVp-p
10
100
400
0.1
1
10
100
0
25
110
100
25
30
20
10
5
TJ=TJMAX
8.3ms Single Half
Sine-Wave
0.5
1.0
0
25
50
75
100
125
150
0
0.75
0.25
Resistive or
Inductive Load
0.375"(9.5mm)Lead
Length
.2
.3
.4
.5
.6
.7
.8
.9
1.0
1.1
1.2
.1
1
10
20
SM 5 8 17
SM 5 8 19
SM 5 8 18
T J=2 5
P ulse w id th= 300
s
1 % Du ty Cyc le
SM5817---SM5819
RATINGS AND CHARACTERISTIC CURVES
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!


Podobny numer części - SM5819

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SAMYANG ELECTRONICS CO....
SM5819 SAMYANG-SM5819 Datasheet
802Kb / 2P
   SCHOTTKY BARRIE R RECTIFIER
logo
Rectron Semiconductor
SM5819 RECTRON-SM5819 Datasheet
191Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
logo
UNIOHM CORPORATION
SM5819 UNIOHM-SM5819 Datasheet
62Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SUNMATE electronic Co.,...
SM5819 SUNMATE-SM5819 Datasheet
258Kb / 2P
   1.0A Surface Mount Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SM5819 GWSEMI-SM5819 Datasheet
56Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Podobny opis - SM5819

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IXYS Corporation
DSB60C45PB IXYS-DSB60C45PB Datasheet
113Kb / 2P
   Schottky
logo
Microdiode Electronics ...
LM5817 CHENDA-LM5817 Datasheet
710Kb / 2P
   SCHOTTKY MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
RB550V-30 AITSEMI-RB550V-30 Datasheet
615Kb / 7P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.1
RB551V-30 AITSEMI-RB551V-30 Datasheet
424Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB050L-40 AITSEMI-RB050L-40 Datasheet
454Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB491D AITSEMI-RB491D Datasheet
447Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB520S-30 AITSEMI-RB520S-30 Datasheet
427Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.2
B5817W AITSEMI-B5817W Datasheet
566Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB751V-40 AITSEMI-RB751V-40 Datasheet
436Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.1
RB521S-30 AITSEMI-RB521S-30 Datasheet
560Kb / 6P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.1
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com