Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XX1010-QT-0G0T Arkusz danych(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Numer części XX1010-QT-0G0T
Szczegółowy opis  Integrated Gain, Doubler and Driver Stages
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XX1010-QT-0G0T Arkusz danych(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  XX1010-QT-0G0T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XX1010-QT-0G0T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XX1010-QT-0G0T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XX1010-QT-0G0T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XX1010-QT-0G0T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XX1010-QT-0G0T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Doubler
14.625-15.0/29.25-30 GHz
Rev. V3
XX1010-QT
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Typical Performance Curves:
POUT @ 1xFin vs. Fin @ PIN = 3 dBm
POUT @ 2xFin vs. Fin @ PIN = 3 dBm
POUT @ 1xFin vs. Fin @ PIN = 10 dBm
POUT @ 2xFin vs. Fin @ PIN = 10 dBm
10
12
14
16
18
20
22
24
13
14
15
16
17
Input Frequency (GHz)
-60
-50
-40
-30
-20
-10
0
13
14
15
16
17
Input Frequency (GHz)
10
12
14
16
18
20
22
24
13
14
15
16
17
Input Frequency (GHz)
-60
-50
-40
-30
-20
-10
0
13
14
15
16
17
Input Frequency (GHz)


Podobny numer części - XX1010-QT-0G0T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
XX1010-QT MA-COM-XX1010-QT Datasheet
183Kb / 5P
   Doubler
More results

Podobny opis - XX1010-QT-0G0T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BC80725MTF FAIRCHILD-BC80725MTF Datasheet
77Kb / 6P
   Suitable for AF-Driver stages and low power output stages
logo
Infineon Technologies A...
BCX54 INFINEON-BCX54_11 Datasheet
526Kb / 8P
   For AF driver and output stages
2011-09-19
logo
Shanghai Leiditech Elec...
BCP54 LEIDITECH-BCP54 Datasheet
1,000Kb / 4P
   For AF driver and output stages
logo
Fairchild Semiconductor
BC33725TA FAIRCHILD-BC33725TA Datasheet
33Kb / 3P
   Suitable for AF-Driver stages and low power output stages
logo
Infineon Technologies A...
BCX51 INFINEON-BCX51_11 Datasheet
526Kb / 8P
   For AF driver and output stages
2011-07-29
logo
First Silicon Co., Ltd
BCP55 FS-BCP55 Datasheet
533Kb / 5P
   For AF driver and output stages
logo
Infineon Technologies A...
BCP56-16E6327 INFINEON-BCP56-16E6327 Datasheet
827Kb / 7P
   For AF driver and output stages
2011-10-13
logo
M/A-COM Technology Solu...
XX1001 MA-COM-XX1001 Datasheet
690Kb / 7P
   Integrated Doubler and Power Amplifier
logo
Siemens Semiconductor G...
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com