Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XZ1003-QT-EV1 Arkusz danych(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Numer części XZ1003-QT-EV1
Szczegółowy opis  MoCA Compliant Front-End GaAs IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XZ1003-QT-EV1 Arkusz danych(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  XZ1003-QT-EV1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XZ1003-QT-EV1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XZ1003-QT-EV1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XZ1003-QT-EV1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XZ1003-QT-EV1 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XZ1003-QT-EV1 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XZ1003-QT-EV1 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XZ1003-QT-EV1 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XZ1003-QT-EV1 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Front End GaAs IC
775 - 1525 MHz
Rev. V4
XZ1003-QT
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Pin No.
Pin Name
Function
1
RX_ATT
Digital input. A logic high input voltage enables the 15 dB receive attenuator.
2
TX_RX
Digital input. A logic high voltage selects transmit mode, logic low selects receive mode.
3
CAL
Digital input. A logic high selects calibration mode (transmit amplifier output is diverted
into the power detector). This pin overrides the TX_RX control input.
4
TX_IN
Transmit RF input (75 Ω).
5
BIAS_ADJ
Bias adjustment of transmit amplifier using pull-up/down resistor.
6
VD2
Bias supply.
7
VD1
Bias supply.
8
TX_ATT2
Digital input. Refer to digital control specification table.
9
TX_ATT1
Digital input. Refer to digital control specification table.
10
N/C
No Connection
11
I_O
RF input in the receive mode and RF output in the transmit mode (75 Ω).
12
DET_ATT
External RC network connected to this pin sets the power detector sensitivity.
13
VD3
Detector bias supply.
14
VDET
Power detector output voltage. Used during calibration mode to measure output power.
15
RX_OUT
Receive RF output (75 Ω).
16
RX_ADJ
External RC network connected to this pin sets the receive attenuator gain step.
Pin Description


Podobny numer części - XZ1003-QT-EV1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mimix Broadband
XZ1003-QT MIMIX-XZ1003-QT Datasheet
1Mb / 1P
   Hi-RF Front End IC
logo
M/A-COM Technology Solu...
XZ1003-QT MA-COM-XZ1003-QT Datasheet
102Kb / 1P
   Front End GaAs IC 775-1525 MHz Integrated PA Bias Control
More results

Podobny opis - XZ1003-QT-EV1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
XZ1004-QT MA-COM-XZ1004-QT Datasheet
1,022Kb / 12P
   MoCA Compliant Front-End GaAs IC
logo
List of Unclassifed Man...
U7001BG ETC1-U7001BG Datasheet
179Kb / 11P
   CT2 Front End IC
logo
Toshiba Semiconductor
TA8168SN TOSHIBA-TA8168SN Datasheet
301Kb / 9P
   FM FRONT END IC
logo
ATMEL Corporation
ATR0601 ATMEL-ATR0601_06 Datasheet
556Kb / 18P
   GPS Front-end IC
ATR0601 ATMEL-ATR0601 Datasheet
1Mb / 17P
   GPS FRONT-END IC
logo
Toshiba Semiconductor
TA8158F TOSHIBA-TA8158F Datasheet
235Kb / 8P
   FM FRONT END IC
logo
ATMEL Corporation
ATR0603 ATMEL-ATR0603 Datasheet
453Kb / 14P
   GPS Front-end IC
logo
Rohm
BA4413 ROHM-BA4413 Datasheet
204Kb / 7P
   FM Front End IC
logo
Toshiba Semiconductor
TA7378P TOSHIBA-TA7378P Datasheet
583Kb / 8P
   FM FRONT END IC
logo
STMicroelectronics
STB5610 STMICROELECTRONICS-STB5610 Datasheet
158Kb / 11P
   GPS RF FRONT-END IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com