Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1SS422 Arkusz danych(PDF) 3 Page - Yea Shin Technology Co., Ltd

Numer części 1SS422
Szczegółowy opis  High Speed Switching Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YEASHIN [Yea Shin Technology Co., Ltd]
Strona internetowa  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1SS422 Arkusz danych(HTML) 3 Page - Yea Shin Technology Co., Ltd

  1SS422 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1SS422 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1SS422 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
http://www.yeashin.com
3
REV.02 20120305
PACKAGE OUTLINE & DIMENSIONS
1SS422
SC-79/SOD-523
A
D
E bp
V MA
scale
0.5
1mm
0
A
C
HE
OUTLINE
VERSION
REFERENCES
EUROPEAN
PROJECTION
DIMENSIONS (mm are the original dimensions)
UNIT
A
p
cD
E
E
V
mm
0.7
0.35
0.2
1.3
0.9
1.7
0.15
0.5
0.25
0.1
1.1
0.7
1.5
Note
1. The 
marking
 bar indicates the cathode.
ISSUE DATE
IEC
 JEDEC
EIAJ
SOD523
SC-79
98-11-25
0.6
0.02''
0.8
0.033''
1.1
0.063"
2.3
0.112''
mm
inches
MOUNTING PAD


Podobny numer części - 1SS422

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jiangsu Changjiang Elec...
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
logo
Diode Semiconductor Kor...
1SS422 DSK-1SS422 Datasheet
236Kb / 3P
   High speed Switching Diode
logo
Tak Cheong Electronics ...
1SS422 TAK_CHEONG-1SS422 Datasheet
185Kb / 5P
   200mW SOD-523 SURFACE MOUNT High Speed Switching Diode
logo
Galaxy Semi-Conductor H...
1SS422 BILIN-1SS422 Datasheet
153Kb / 3P
   High speed Switching Diode
logo
TRANSYS Electronics Lim...
1SS422 TEL-1SS422 Datasheet
100Kb / 2P
   Plastic-Encapsulated Diodes
More results

Podobny opis - 1SS422

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
   High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
   High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
   High Speed Switching Diodes
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
1N914 EIC-1N914 Datasheet
48Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
   High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
   High-speed switching diodes
Rev. 6-18 March 2015
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
   High Speed Switching Diodes
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com