Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74004NH Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części 74004NH
Szczegółowy opis  Industrial Ethernet Cables
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

74004NH Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  74004NH Datasheet HTML 1Page - List of Unclassifed Manufacturers 74004NH Datasheet HTML 2Page - List of Unclassifed Manufacturers 74004NH Datasheet HTML 3Page - List of Unclassifed Manufacturers 74004NH Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Standards
ISO/IEC 11801 Cat7
EN 50173-1
TIA/EIA-568-B.2
Electrical Properties
Max Operating Voltage UL
450V A.C. / 300V D.C.
Impedance @ 1 – 600 MHz
100 +/- 15 Ohm
74004E / 74004NH/ 74004PU (AWG24)
Frequency
Frequency
Frequency
Frequency
(MHz)
(MHz)
(MHz)
(MHz)
Insertion
Insertion
Insertion
Insertion
Loss (Max)
Loss (Max)
Loss (Max)
Loss (Max)
(dB/100m)
(dB/100m)
(dB/100m)
(dB/100m)
NEXT
NEXT
NEXT
NEXT
(dB)
(dB)
(dB)
(dB)
PSNEXT
PSNEXT
PSNEXT
PSNEXT
(dB)
(dB)
(dB)
(dB)
ELFEXT
ELFEXT
ELFEXT
ELFEXT
(dB/100m)
(dB/100m)
(dB/100m)
(dB/100m)
PSELFEXT
PSELFEXT
PSELFEXT
PSELFEXT
(dB/100m)
(dB/100m)
(dB/100m)
(dB/100m)
RETURN
RETURN
RETURN
RETURN
LOSS
(dB)
LOSS
(dB)
LOSS
(dB)
LOSS
(dB)
1
2.1
80.0
77.0
4
3.7
80.0
77.0
80.0
77.0
23
10
5.9
80.0
77.0
74.0
71.0
25
16
7.4
80.0
77.0
69.9
66.9
25
20
8.3
80.0
77.0
68.0
65.0
25
31.25
10.4
80.0
77.0
64.1
61.1
23.6
62.5
14.9
75.1
72.1
58.1
55.1
21.5
100
19.0
72.1
69.4
54.0
54.0
20.1
200
24.0
67.9
64.9
48.0
45.0
18.0
300
31.0
65.3
62.3
44.5
41.5
17.3
600
50.1
60.8
57.8
38.4
35.4
17.3
74005 PU (AWG26)
Frequency
Frequency
Frequency
Frequency
(MHz)
(MHz)
(MHz)
(MHz)
Attenuation
Attenuation
Attenuation
Attenuation
(Max)
(Max)
(Max)
(Max)
(dB/100m)
(dB/100m)
(dB/100m)
(dB/100m)
NEXT
NEXT
NEXT
NEXT
(dB)
(dB)
(dB)
(dB)
PSNEXT
PSNEXT
PSNEXT
PSNEXT
(dB)
(dB)
(dB)
(dB)
ELFEXT
ELFEXT
ELFEXT
ELFEXT
(dB/100m)
(dB/100m)
(dB/100m)
(dB/100m)
PSELFEXT
PSELFEXT
PSELFEXT
PSELFEXT
(dB/100m
(dB/100m
(dB/100m
(dB/100m))))
RETURN
RETURN
RETURN
RETURN
LOSS
(dB)
LOSS
(dB)
LOSS
(dB)
LOSS
(dB)
1
2.7
80.0
77.0
4
5.5
80.0
77.0
58.0
55.0
23.0
10
8.5
80.0
77.0
50.0
47.0
25.0
16
10.8
80.0
77.0
46.0
43.0
25.0
20
12.1
80.0
77.0
44.0
41.0
25.0
31.25
15.2
80.0
77.0
40.0
37.0
23.6
62.5
27.8
75.1
72.1
34.0
31.0
21.5
100
27.8
72.4
69.4
30.0
27.0
20.1
200
40.1
67.9
64.9
24.0
21.0
18.0
300
50.0
65.3
62.3
20.0
17.0
17.3
600
73.3
60.8
57.8
14.0
11.0
17.3


Podobny numer części - 74004NH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Belden Inc.
74004NH BELDEN-74004NH Datasheet
173Kb / 3P
   DataTuff® 7, 4PR #23 Sol BC, PO ins, S/FTP, LSNH Jkt, AWM 20851, Dca
2022 Belden, Inc
74004NH.011000 BELDEN-74004NH.011000 Datasheet
173Kb / 3P
   DataTuff® 7, 4PR #23 Sol BC, PO ins, S/FTP, LSNH Jkt, AWM 20851, Dca
2022 Belden, Inc
74004NH.01305 BELDEN-74004NH.01305 Datasheet
173Kb / 3P
   DataTuff® 7, 4PR #23 Sol BC, PO ins, S/FTP, LSNH Jkt, AWM 20851, Dca
2022 Belden, Inc
74004NH.01500 BELDEN-74004NH.01500 Datasheet
173Kb / 3P
   DataTuff® 7, 4PR #23 Sol BC, PO ins, S/FTP, LSNH Jkt, AWM 20851, Dca
2022 Belden, Inc
74004NH.01B100 BELDEN-74004NH.01B100 Datasheet
173Kb / 3P
   DataTuff® 7, 4PR #23 Sol BC, PO ins, S/FTP, LSNH Jkt, AWM 20851, Dca
2022 Belden, Inc
More results

Podobny opis - 74004NH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
74003PU ETC2-74003PU Datasheet
295Kb / 4P
   Industrial Ethernet Cables
1319753 ETC2-1319753 Datasheet
280Kb / 4P
   Industrial Ethernet Cables
1319759 ETC2-1319759 Datasheet
295Kb / 4P
   Industrial Ethernet Cables
logo
Omron Electronics LLC
XS6 OMRON-XS6 Datasheet
2Mb / 12P
   Industrial Ethernet Cables
logo
Intel Corporation
XLDACBL1 INTEL-XLDACBL1 Datasheet
187Kb / 2P
   Intel짰 Ethernet QSFP Cables
logo
Weidmuller
IE-SW-BL08-6TX-2SC WEIDMULLER-IE-SW-BL08-6TX-2SC Datasheet
235Kb / 4P
   Industrial Ethernet
February 26, 2019
logo
List of Unclassifed Man...
30065 ETC2-30065 Datasheet
136Kb / 1P
   Industrial Data Solutions LonWorks Cables
logo
Advantech Co., Ltd.
708FX2 ADVANTECH-708FX2 Datasheet
549Kb / 3P
   Industrial Ethernet Switch
logo
List of Unclassifed Man...
HEST12M ETC2-HEST12M Datasheet
699Kb / 3P
   Industrial Ethernet Switch
logo
Omron Electronics LLC
XS5H-T421-BM0-K OMRON-XS5H-T421-BM0-K Datasheet
1Mb / 8P
   Industrial Ethernet Connectors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com