Zakładka z wyszukiwarką danych komponentów |
|
FM-1.2V Arkusz danych(PDF) 1 Page - Pericom Semiconductor Corporation |
|
FM-1.2V Arkusz danych(HTML) 1 Page - Pericom Semiconductor Corporation |
1 / 2 page 1 All specifications are subject to change without notice. FM 1.2 REV2010_MAY24_10.4 SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888 • www.saronix-ecera.com 1.2V CMOS Low Jitter XO FM Series Crystal Clock Oscillator (XO) 2.0 x 1.6mm x 0.75mm FM 2.0 x 1.6mm Ceramic SMD Package: Pin Functions: Pin Function 1 ED 2 Ground 3 Clock Output 4 VCC Recommended Land Pattern: Part Ordering Information: FN XXX YYYY A: Product�Family B: XXX = Frequency�Code C: YYYY = Specification�Code Following the above format, Saronix-eCera part numbers will be assigned upon confirmation of exact customer requirements. CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY. M Product Features • 1-50 MHz Frequency Range • <1 ps RMS jitter • 1.2V CMOS compatible logic levels • Designed for standard reflow and washing techniques • Low power standby mode: 10mA max • Pb-free and RoHS/Green compliant Product Description The FM Series crystal clock oscillator achieves superb jitter and stability over a broad range of operating conditions and frequencies. The output clock signal, generated internally with a non-PLL oscillator design, is compatible with LVCMOS logic levels. The device, available on tape and reel, is contained in a 2.0 x 1.6 mm surface-mount ceramic package. Applications Ideal for compact, high density applications: • WLAN • HBA • Portable Multimedia Player (PMP) • Notebook Computer • SDIO/ PCMIA card • USB BT Interface • Bluetooth 10-0024 |
Podobny numer części - FM-1.2V |
|
Podobny opis - FM-1.2V |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |