Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FFPF08S60STTU Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FFPF08S60STTU
Szczegółowy opis  8 A, 600 V STEALTHTM II Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF08S60STTU Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FFPF08S60STTU Datasheet HTML 1Page - Fairchild Semiconductor FFPF08S60STTU Datasheet HTML 2Page - Fairchild Semiconductor FFPF08S60STTU Datasheet HTML 3Page - Fairchild Semiconductor FFPF08S60STTU Datasheet HTML 4Page - Fairchild Semiconductor FFPF08S60STTU Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2011 Fairchild Semiconductor Corporation
3
www.fairchildsemi.com
FFPF08S60ST Rev. C2
Typical Performance Characteristics T
C = 25°C unless otherwise noted
Figure 3. Typical Forward Voltage Drop
Figure 4. Typical Reverse Current
Figure 5. Typical Junction Capacitance
Figure 6. Typical Reverse Recovery Time
Figure 7. Typical Reverse Recovery Current
Figure 8. Forward Current Deration Curve
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0.1
1
10
100
T
C=75
oC
T
C=25
oC
FORWARD VOLTAGE, V
F [V]
T
C=125
oC
0
100
200
300
400
500
600
1E-9
1E-8
1E-7
1E-6
1E-5
1E-4
T
C = 25
oC
T
C = 75
oC
REVERSE VOLTAGE, V
R [V]
T
C = 125
oC
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
REVERSE VOLTAGE, V
R [V]
f = 1MHz
100
200
300
400
500
0
10
20
30
40
50
60
70
80
90
100
T
C = 125
oC
T
C = 75
oC
di
F/dt [A/s]
T
C = 25
oC
I
F = 8A
100
200
300
400
500
0
1
2
3
4
5
6
7
8
9
10
T
C = 25
oC
T
C = 75
oC
di
F/dt [A/s]
T
C = 125
oC
I
F =8A
70
80
90
100
110
120
130
140
150
0
1
2
3
4
5
6
7
8
9
10
11
12
CASE TEMPERATURE, T
C [
oC]
DC


Podobny numer części - FFPF08S60STTU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FFPF08S60STU FAIRCHILD-FFPF08S60STU Datasheet
131Kb / 5P
   Stealth 2 Rectifier
FFPF08S60ST FAIRCHILD-FFPF08S60ST_12 Datasheet
294Kb / 5P
   8A, 600V STEALTHTM II Rectifier
More results

Podobny opis - FFPF08S60STTU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FFD08S60S-F085 ONSEMI-FFD08S60S-F085 Datasheet
410Kb / 5P
   Rectifier – STEALTH II 8 A, 600 V
January, 2021 - Rev. 4
logo
Fairchild Semiconductor
FFP08S60S FAIRCHILD-FFP08S60S_07 Datasheet
139Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF15S60S FAIRCHILD-FFPF15S60S Datasheet
241Kb / 5P
   15A, 600V STEALTHTM II Rectifier
logo
Power Integrations, Inc...
QH08TZ600 POWERINT-QH08TZ600 Datasheet
113Kb / 7P
   600 V, 8 A H-Series PFC Diode
QH08TZ600 POWERINT-QH08TZ600_V01 Datasheet
228Kb / 9P
   600 V, 8 A H-Series PFC Diode
November 2015
LXA08T600 POWERINT-LXA08T600 Datasheet
246Kb / 10P
   600 V, 8 A X-Series PFC Diode
LQA08TC600 POWERINT-LQA08TC600 Datasheet
135Kb / 7P
   600 V, 8 A Q-Series PFC Diode
LXA08T600 POWERINT-LXA08T600_V01 Datasheet
490Kb / 8P
   600 V, 8 A X-Series PFC Diode
January 2016
logo
Fairchild Semiconductor
FFPF08S60ST FAIRCHILD-FFPF08S60ST_12 Datasheet
294Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF60SB60DS FAIRCHILD-FFPF60SB60DS Datasheet
264Kb / 5P
   4A, 600V STEALTHTM II Rectifier
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com