Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3A227EYFFR Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części TS3A227EYFFR
Szczegółowy opis  Autonomous Audio Accessory Detection and Configuration Switch
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A227EYFFR Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TS3A227EYFFR Datasheet HTML 3Page - Texas Instruments TS3A227EYFFR Datasheet HTML 4Page - Texas Instruments TS3A227EYFFR Datasheet HTML 5Page - Texas Instruments TS3A227EYFFR Datasheet HTML 6Page - Texas Instruments TS3A227EYFFR Datasheet HTML 7Page - Texas Instruments TS3A227EYFFR Datasheet HTML 8Page - Texas Instruments TS3A227EYFFR Datasheet HTML 9Page - Texas Instruments TS3A227EYFFR Datasheet HTML 10Page - Texas Instruments TS3A227EYFFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
TS3A227E
www.ti.com
SCDS358B – NOVEMBER 2014 – REVISED FEBRUARY 2015
Electrical Characteristics (continued)
Unless otherwise noted the specification applies over the VDD and ambient operating temperature range.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SWITCH TIMING
VDD = 2.5 V, 3.3 V, 4.5 V,
RL = 300 Ω, CL = 50 pF
Turn off time for S3PS, S3PR, S3GS,
5
µs
S3GR
VSLEEVE_SENSE/RING2_SENSE = 2.5 V (VDD = 2.5 V),
3.3 V (VDD = 3.3 V, VDD = 4.5 V)
VDD = 2.5 V, 3.3 V, 4.5 V
RPU = 1500 Ω, CL = 50 pF
Turn off time for S1, S2, RING2 GNDFET,
tOFF
5
µs
SLEEVE GNDFET
VPU = 2.5 V (VDD = 2.5 V),
3.3 V (VDD = 3.3 V, VDD = 4.5 V)
VDD = 2.5 V, 3.3 V, 4.5 V
RPU = 1500 Ω, CL = 50 pF
Turn off time for RING2 DFET and
500
µs
SLEEVE DFET
VPU = 2.5 V (VDD = 2.5 V),
3.3 V (VDD = 3.3 V, VDD = 4.5 V)
VDD = 2.5 V, 3.3 V, 4.5 V
RL = 300 Ω, CL = 50 pF
Turn on time for S3PS, S3PR, S3GS,
1
µs
S3GR
VSLEEVE_SENSE/RING2_SENSE = 2.5 V (VDD = 2.5 V),
3.3 V (VDD = 3.3 V, VDD = 4.5 V)
VDD = 2.5 V, 3.3 V, 4.5 V
RPU = 1500 Ω, CL = 50 pF
Turn on time for S1, S2, RING2 GNDFET,
tON
35
µs
SLEEVE GNDFET
VPU = 2.5 V (VDD = 2.5 V),
3.3 V (VDD = 3.3 V, VDD = 4.5 V)
VDD = 2.5 V, 3.3 V, 4.5 V
RPU = 1500 Ω, CL = 50 pF
Turn on time for RING2 DFET and
1
µs
SLEEVE DFET
VPU = 2.5 V (VDD = 2.5 V),
3.3 V (VDD = 3.3 V, VDD = 4.5 V)
DIGITAL I/O
MIC_PRESENT low level output voltage
0
0.4
VDD = 3.3 V, IOL = 10 mA
VOL
INT low level output voltage
0
0.4
V
SDA low level output voltage
VDD = 3.3 V, IOLMAX = 3 mA
0
0.4
SDA, SCL
1.2
VDD
VIH
Input logic high
V
VDD x
DET_TRIGGER
VDD
0.65
SDA, SCL
0
0.4
VIL
Input logic low
DET_TRIGGER
0
VDD x 0.4
Internal DET_TRIGGER pull-up
RPU/DT
VDD = 3.3 V, I/DET_TRIGGER = 1 µA
0.5
1
1.85
M
Ω
resistance
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TS3A227E


Podobny numer części - TS3A227EYFFR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E Datasheet
1Mb / 37P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225ERTER TI1-TS3A225ERTER Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225ERTER TI1-TS3A225ERTER Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
More results

Podobny opis - TS3A227EYFFR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FSA8008A ONSEMI-FSA8008A Datasheet
144Kb / 8P
   Audio Jack Detection and Configuration Switch
December, 2017 ??Rev. 2
logo
Fairchild Semiconductor
FSA8008A FAIRCHILD-FSA8008A Datasheet
641Kb / 3P
   Audio Jack Detection and Configuration Switch
FSA8058 FAIRCHILD-FSA8058 Datasheet
831Kb / 8P
   Audio Jack Detection and Configuration Switch with Moisture Sensing
logo
ON Semiconductor
FSA8049 ONSEMI-FSA8049 Datasheet
774Kb / 10P
   Audio Jack Detection and Configuration, MIC / GND Cross Point Switch
August 2012 Rev. 1.0.2
logo
Fairchild Semiconductor
FSA8049UCX FAIRCHILD-FSA8049UCX Datasheet
1Mb / 5P
   Audio Jack Detection and Configuration, MIC / GND Cross Point Switch
logo
NXP Semiconductors
NCX8193 PHILIPS-NCX8193_15 Datasheet
281Kb / 21P
   Audio jack detection and configuration with false detection prevention
Rev. 2-21 November 2014
logo
Texas Instruments
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E_17 Datasheet
1Mb / 37P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
logo
Fairchild Semiconductor
FSA8108 FAIRCHILD-FSA8108 Datasheet
753Kb / 5P
   Audio Jack Detection and Configuration Switch, Supports Volume Up/Down & Send/End Keys
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com