Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST05N20 Arkusz danych(PDF) 4 Page - Stanson Technology

Numer części ST05N20
Szczegółowy opis  SOT-223 package design
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STANSON [Stanson Technology]
Strona internetowa  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST05N20 Arkusz danych(HTML) 4 Page - Stanson Technology

  ST05N20 Datasheet HTML 1Page - Stanson Technology ST05N20 Datasheet HTML 2Page - Stanson Technology ST05N20 Datasheet HTML 3Page - Stanson Technology ST05N20 Datasheet HTML 4Page - Stanson Technology ST05N20 Datasheet HTML 5Page - Stanson Technology ST05N20 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ST05N20
N Channel Enhancement Mode MOSFET
2.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2008, Stanson Corp.
ST05N20 2014. V1
TYPICAL CHATRCTERISTICS


Podobny numer części - ST05N20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Honeywell Solid State E...
ST050BG1SPGF HONEYWELL-ST050BG1SPGF Datasheet
220Kb / 4P
   Amplified output whicheliminates the cost of external amplifiers
ST050PG1SPGF HONEYWELL-ST050PG1SPGF Datasheet
220Kb / 4P
   Amplified output whicheliminates the cost of external amplifiers
ST050PG1SPGF HONEYWELL-ST050PG1SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST050PG1SPGF HONEYWELL-ST050PG1SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
logo
STMicroelectronics
ST05250 STMICROELECTRONICS-ST05250 Datasheet
599Kb / 17P
   250 W, 28/32 V, HF to 1 GHz, RF Power LDMOS transistor
March 2021 Rev 4
More results

Podobny opis - ST05N20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
MA04A NSC-MA04A Datasheet
53Kb / 1P
   MOLDED PACKAGE SOT-223
logo
Nanjing International G...
BCP51 DGNJDZ-BCP51 Datasheet
747Kb / 2P
   SOT-223 Package Outline Dimensions
logo
Stanson Technology
ST2341SRG STANSON-ST2341SRG Datasheet
603Kb / 7P
   SOT-23 package design
ST03N20 STANSON-ST03N20 Datasheet
559Kb / 6P
   SOT-89 package design
ST2309ES STANSON-ST2309ES Datasheet
867Kb / 8P
   SOT-23 package design
logo
Continental Device Indi...
SOT-223 CDIL-SOT-223 Datasheet
145Kb / 4P
   SOT-223 (4 Leads) SMD Plastic Package
logo
Motorola, Inc
PZT2222AT1 MOTOROLA-PZT2222AT1 Datasheet
136Kb / 6P
   SOT-223 PACKAGE NPN SILICON TRANSISTOR SURFACE MOUNT
logo
Foshan Blue Rocket Elec...
LD1117S FOSHAN-LD1117S Datasheet
849Kb / 8P
   voltage Regulator in a SOT-223 Plastic Package
logo
Motorola, Inc
PZT2907AT1 MOTOROLA-PZT2907AT1 Datasheet
139Kb / 6P
   SOT-223 PACKAGE PNP SILICON TRANSISTOR SURFACE MOUNT
BSP16T1 MOTOROLA-BSP16T1 Datasheet
109Kb / 6P
   SOT-223 PACKAGE PNP SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com