Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD084DIBAN2-J25 Arkusz danych(PDF) 1 Page - Sparkle Power Inc.

Numer części AD084DIBAN2-J25
Szczegółowy opis  High efficiency and reliability
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SPI [Sparkle Power Inc.]
Strona internetowa  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

AD084DIBAN2-J25 Arkusz danych(HTML) 1 Page - Sparkle Power Inc.

  AD084DIBAN2-J25 Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Characteristics
Input Range: 90 ~ 264Vac (RMS), Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 1.3A (RMS) @ 115Vac,0.8A (RMS) @ 230Vac
Inrush Current: No damage.
Specification
Temperature Range: Operating: 0°C ~ +40°C; storage
& shipping: -30°C ~ +60°C
Humidity: 80% on operating, 80% on storage
Dielectric Withstand: Primary frame ground 1800V AC
for 3 second
Average Efficiency: Efficiency Level VI & ErP Teir 2
No Load Power Consumption: Less than 0.1W
Turn-on Delay Time: Less than 3s
Hold-up Time: 20ms minimum at 115Vac input and max
output loading
Leakage Current: Less than 250uA at 264Vac, 60Hz
MTBF: 100,000 hours on maximum load at +25°C
Altitude: 5,000M
Dimensions (LxWxH): 160x58x32.3mm
/6.3x2.28x1.27inch
Output Characteristics
SPI Model
Output
Voltage
Output
Current
Load
Reg.
Ripple &
Noise
Connecter
Type
Connecter
IDxODxL
Dc cable
Length (mm)
AD084DIBAN2-J25
12V
7A
± 5%
150mV P-P
Barrel 180
̊
2.5x5.5x12
1200
FSP084-DIBAN2
(Efficiency Level VI, RoHS Compliant)
84 Watts Power Adapter
Sparkle Power Inc.
Main Office
48502 Kato Road
Fremont, CA 94538
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Features
High efficiency and reliability
Compatible with European Union Directive 2011/65/EU
(Restriction on Hazardous Substances).
Low noise and ripple
Output over voltage, short circuit, and over current
protection
100% Hi-pot, ATE, and burn-in tested
Complies with FCC part 15 subpart J class B 115Vac
operation, and CISPR 22 class B at 230Vac operation
Approved by CUL/UL60950-1 2
nd TUV EN60950-1 2nd,
CB 60950-1 2
nd, FCC, EMC
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com


Podobny numer części - AD084DIBAN2-J25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sparkle Power Inc.
AD084DMAA1-J25 SPI-AD084DMAA1-J25 Datasheet
82Kb / 1P
   84 Watts Power Adapter High efficiency and reliability
AD084DMBA1-J25 SPI-AD084DMBA1-J25 Datasheet
62Kb / 1P
   84 Watts Power Adapter High efficiency and reliability
More results

Podobny opis - AD084DIBAN2-J25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sparkle Power Inc.
FSP065-REB SPI-FSP065-REB Datasheet
56Kb / 1P
   High efficiency and reliability
FSP120-ABBN2 SPI-FSP120-ABBN2 Datasheet
48Kb / 1P
   High efficiency and reliability
FSP150-ABAN2 SPI-FSP150-ABAN2 Datasheet
47Kb / 1P
   High efficiency and reliability
FSP036-RAC SPI-FSP036-RAC Datasheet
62Kb / 1P
   High efficiency and reliability
FSP060-DBAB1 SPI-FSP060-DBAB1 Datasheet
64Kb / 1P
   High efficiency and reliability
FSP350-60GHS SPI-FSP350-60GHS Datasheet
795Kb / 1P
   High efficiency and reliability
FSP200-50GSV-5K SPI-FSP200-50GSV-5K Datasheet
564Kb / 1P
   High efficiency and reliability
FSP150-AHAN2 SPI-FSP150-AHAN2 Datasheet
34Kb / 1P
   High efficiency and reliability
logo
Wall Industries,Inc.
WMGPSU06X-CC WALL-WMGPSU06X-CC Datasheet
257Kb / 4P
   High Efficiency and Reliability
logo
Sparkle Power Inc.
FSP700-80WEPB SPI-FSP700-80WEPB Datasheet
171Kb / 1P
   High efficiency 80plus Platinum and reliability
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com