Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KBL407 Arkusz danych(PDF) 1 Page - Nanjing International Group Co

Numer części KBL407
Szczegółowy opis  SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DGNJDZ [Nanjing International Group Co]
Strona internetowa  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

KBL407 Arkusz danych(HTML) 1 Page - Nanjing International Group Co

  KBL407 Datasheet HTML 1Page - Nanjing International Group Co KBL407 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBL401
KBL402 KBL403
KBL404 KBL405 KBL406
KBL407
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=50 C
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 4.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Storage Temperature Range, TSTG
Operating Temperature Range, Tj
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
4.0
200
10
500
-65
+150
-65
+125
* Ideal for printed circuit board
* Low forward voltage
* Polarity: marked on body
* Mounting position: Any
* Weight: 4.8 grams
KB
L401 THRU KBL407
1.0
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
4.0 Ampere
.640(16.3)
.600(15.2)
.580(14.7)
.540(13.7)
.256(6.5)
.2
16(5.5)
.052(1.3)
.048(1.2)
.220(5.6)
.180(4.6)
.768(19.5)
.728(18.5)
.7
08
(1
8.0)
.083
(2.1)
MIN.
DIA.
SPACING
* Low leakage current
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request
V
A
A
V
uA
uA
C
C
KBL-4


Podobny numer części - KBL407

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Surge Components
KBL407 SURGE-KBL407 Datasheet
115Kb / 2P
   Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
logo
Shanghai Sunrise Electr...
KBL407 SSE-KBL407 Datasheet
15Kb / 1P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Leshan Radio Company
KBL407 LRC-KBL407 Datasheet
50Kb / 2P
   4.0A BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
KBL407 ETC1-KBL407 Datasheet
100Kb / 1P
   BRIDGE RECTIFIERS 2.0 to 8.0 Amps
logo
Taiwan Semiconductor Co...
KBL407 TSC-KBL407 Datasheet
76Kb / 2P
   Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
More results

Podobny opis - KBL407

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Formosa MS
RS401L FORMOSA-RS401L Datasheet
30Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBL4005 BYTESONIC-GBL4005 Datasheet
339Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
RS401L UNIOHM-RS401L Datasheet
61Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
KBJ401 UNIOHM-KBJ401 Datasheet
66Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
GBL401 DGNJDZ-GBL401 Datasheet
620Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
GBJ401 YFWDIODE-GBJ401 Datasheet
252Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
RS401 DGNJDZ-RS401 Datasheet
177Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
T4BU10 DGNJDZ-T4BU10 Datasheet
293Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
KBL410 DGNJDZ-KBL410 Datasheet
229Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Bytes
RS401L BYTES-RS401L Datasheet
146Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
RS401M BYTES-RS401M Datasheet
148Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com