Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2013D1RGPR Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA2013D1RGPR
Szczegółowy opis  Constant Output Power Class-D Audio Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2013D1RGPR Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button TPA2013D1RGPR Datasheet HTML 5Page - Texas Instruments TPA2013D1RGPR Datasheet HTML 6Page - Texas Instruments TPA2013D1RGPR Datasheet HTML 7Page - Texas Instruments TPA2013D1RGPR Datasheet HTML 8Page - Texas Instruments TPA2013D1RGPR Datasheet HTML 9Page - Texas Instruments TPA2013D1RGPR Datasheet HTML 10Page - Texas Instruments TPA2013D1RGPR Datasheet HTML 11Page - Texas Instruments TPA2013D1RGPR Datasheet HTML 12Page - Texas Instruments TPA2013D1RGPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
RL − Load Resistance − Ω
0.0
0.5
1.0
1.5
2.0
2.5
3.0
4
8
12
16
20
24
28
32
G011
f = 1 kHz
Gain = 2 V/V
VCC = 4.5 V
THD = 1%
THD = 10%
RL − Load Resistance − Ω
0.0
0.5
1.0
1.5
2.0
2.5
3.0
4
8
12
16
20
24
28
32
G012
f = 1 kHz
Gain = 2 V/V
VCC = 5.5 V
THD = 1%
THD = 10%
VDD − Supply Voltage − V
0.0
0.5
1.0
1.5
2.0
2.5
1.8
2.2
2.6
3.0
3.4
3.8
4.2
4.6
G009
Gain = 2 V/V
RL = 8 Ω + 33 µH
THD = 10%
VCC = 4.5 V
L = 2.2
µH
L = 3.3
µH
L = 6.2
µH
L = 4.7
µH
VDD − Supply Voltage − V
0.0
0.5
1.0
1.5
2.0
2.5
1.8
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
5.4
G010
L = 6.2
µH
L = 4.7
µH
L = 3.3
µH
Gain = 2 V/V
RL = 8 Ω + 33 µH
THD = 10%
VCC = 5.5 V
VDD − Supply Voltage − V
0.0
0.5
1.0
1.5
2.0
2.5
1.8
2.2
2.6
3.0
3.4
3.8
4.2
4.6
G007
Gain = 2 V/V
RL = 8 Ω + 33 µH
THD = 1%
VCC = 4.5 V
L = 2.2
µH
L = 3.3
µH
L = 6.2
µH
L = 4.7
µH
VDD − Supply Voltage − V
0.0
0.5
1.0
1.5
2.0
2.5
1.8
2.2
2.6
3.0
3.4
3.8
4.2
4.6
5.0
5.4
G008
L = 3.3
µH
L = 6.2
µH
L = 4.7
µH
Gain = 2 V/V
RL = 8 Ω + 33 µH
THD = 1%
VCC = 5.5 V
9
TPA2013D1
www.ti.com
SLOS520A – AUGUST 2007 – REVISED MARCH 2016
Product Folder Links: TPA2013D1
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. Output Power vs Supply Voltage
Figure 8. Output Power vs Supply Voltage
Figure 9. Output Power vs Supply Voltage
Figure 10. Output Power vs Supply Voltage
Figure 11. Output Power vs Load
Figure 12. Output Power vs Load


Podobny numer części - TPA2013D1RGPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2013D1RGPR TI-TPA2013D1RGPR Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results

Podobny opis - TPA2013D1RGPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2025D1 TI1-TPA2025D1_14 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2080D1 TI1-TPA2080D1_16 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2015D1 TI1-TPA2015D1 Datasheet
1Mb / 33P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA2018 ANPEC-APA2018 Datasheet
276Kb / 19P
   3.6W Constant Output Power Class-D Audio Amplifier
logo
Texas Instruments
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
logo
ON Semiconductor
NCP2830 ONSEMI-NCP2830 Datasheet
314Kb / 15P
   1W Constant Filterless Class-D Audio Amplifier
August, 2009 ??Rev. 0
logo
Texas Instruments
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com