Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3244 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3244
Szczegółowy opis  100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3244 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TPA3244 Datasheet HTML 4Page - Texas Instruments TPA3244 Datasheet HTML 5Page - Texas Instruments TPA3244 Datasheet HTML 6Page - Texas Instruments TPA3244 Datasheet HTML 7Page - Texas Instruments TPA3244 Datasheet HTML 8Page - Texas Instruments TPA3244 Datasheet HTML 9Page - Texas Instruments TPA3244 Datasheet HTML 10Page - Texas Instruments TPA3244 Datasheet HTML 11Page - Texas Instruments TPA3244 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
TPA3244
SLASEC6 – APRIL 2016
www.ti.com
Product Folder Links: TPA3244
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Error Reporting
The FAULT, and CLIP_OTW, pins are active-low, open-drain outputs. The function is for protection-mode
signaling to a system-control device.
Any fault resulting in device shutdown is signaled by the FAULT pin going low. Also, CLIP_OTW goes low when
the device junction temperature exceeds 125°C (see Table 3).
Table 3. Error Reporting
FAULT
CLIP_OTW
DESCRIPTION
0
0
Overtemperature (OTE) or overload (OLP) or undervoltage (UVP) Junction
temperature higher than 125°C (overtemperature warning)
0
0
Overload (OLP) or undervoltage (UVP). Junction temperature higher than 125°C
(overtemperature warning)
0
1
Overload (OLP) or undervoltage (UVP). Junction temperature lower than 125°C
1
0
Junction temperature higher than 125°C (overtemperature warning)
1
1
Junction temperature lower than 125°C and no OLP or UVP faults (normal operation)
Note that asserting either RESET low forces the FAULT signal high, independent of faults being present. TI
recommends monitoring the CLIP_OTW signal using the system microcontroller and responding to an
overtemperature warning signal by, that is, turning down the volume to prevent further heating of the device
resulting in device shutdown (OTE).
To reduce external component count, an internal pullup resistor to 3.3 V is provided on both FAULT and
CLIP_OTW outputs.
7.4 Device Functional Modes
7.4.1 Device Protection System
The TPA3244 device contains advanced protection circuitry carefully designed to facilitate system integration and
ease of use, as well as to safeguard the device from permanent failure due to a wide range of fault conditions
such as short circuits, overload, overtemperature, and undervoltage. The TPA3244 device responds to a fault by
immediately setting the power stage in a high-impedance (Hi-Z) state and asserting the FAULT pin low. In
situations other than overload and overtemperature error (OTE), the device automatically recovers when the fault
condition has been removed, that is, the supply voltage has increased.
The device will function on errors, as shown in Table 4.
Table 4. Device Protection
BTL
MODE
PBTL
MODE
SE
MODE
LOCAL
ERROR IN
TURNS OFF
LOCAL
ERROR IN
TURNS OFF
LOCAL
ERROR IN
TURNS OFF
A
A+B
A
A+B+C+D
A
A+B
B
B
B
C
C+D
C
C
C+D
D
D
D
Bootstrap UVP does not shutdown according to the table, it shuts down the respective halfbridge (non-latching,
does not assert FAULT).
7.4.1.1 Overload and Short Circuit Current Protection
The TPA3244 device has fast reacting current sensors with a programmable trip threshold (OC threshold) on all
high-side and low-side FETs. To prevent output current to increase beyond the programmed threshold, TPA3244
has the option of either limiting the output current for each switching cycle (Cycle By Cycle Current Control,
CB3C) or to perform an immediate shutdown of the output in case of excess output current (Latching Shutdown).
CB3C prevents premature shutdown due to high output current transients caused by high level music transients


Podobny numer części - TPA3244

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3244 TI1-TPA3244 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3244 TI-TPA3244 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3223 200-W Stereo, 400W Mono HD Analog-Input, Class-D Amplifier
NOVEMBER 2022
TPA3244D2 TI1-TPA3244D2 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3244DDW TI1-TPA3244DDW Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3244DDWR TI1-TPA3244DDWR Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
More results

Podobny opis - TPA3244

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
[Old version datasheet]   130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250D2 TI1-TPA3250D2 Datasheet
775Kb / 41P
[Old version datasheet]   70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3251 TI1-TPA3251 Datasheet
1Mb / 39P
[Old version datasheet]   350W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3255 TI1-TPA3255 Datasheet
467Kb / 29P
[Old version datasheet]   600W Mono PurePath Ultra-HD Analog-Input
TPA3245 TI1-TPA3245 Datasheet
449Kb / 28P
[Old version datasheet]   200W Mono PurePath Ultra-HD Analog-Input
logo
Zetex Semiconductors
ZXCD100MOEVAL ZETEX-ZXCD100MOEVAL Datasheet
459Kb / 8P
   100W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com