Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2080D1YZGT Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA2080D1YZGT
Szczegółowy opis  Constant Output Power Class-D Audio Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2080D1YZGT Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TPA2080D1YZGT Datasheet HTML 6Page - Texas Instruments TPA2080D1YZGT Datasheet HTML 7Page - Texas Instruments TPA2080D1YZGT Datasheet HTML 8Page - Texas Instruments TPA2080D1YZGT Datasheet HTML 9Page - Texas Instruments TPA2080D1YZGT Datasheet HTML 10Page - Texas Instruments TPA2080D1YZGT Datasheet HTML 11Page - Texas Instruments TPA2080D1YZGT Datasheet HTML 12Page - Texas Instruments TPA2080D1YZGT Datasheet HTML 13Page - Texas Instruments TPA2080D1YZGT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
1 F
1 F
30-kHz
Low-Pass
Filter
Supply
2.2 H
22 F
IN+
IN–
SW
VBAT
GND
OUT+
OUT–
PVDD
10 F
Load
Measurement
Input
Measurement
Output
+
+
TPA2080D1
+
EN
10 k
10
TPA2080D1
SLOS733B – JANUARY 2012 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TPA2080D1
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
VBAT = 3.6 V, CI = 1 µF, CBOOST = 22 µF, LBOOST = 2.2 µH, EN = VBAT, and Load = 8 Ω + 33 µH, no ferrite bead unless
otherwise specified.
Figure 19. EMC Performance PO = 750 mW With 2-Inch Speaker Cable
8 Parameter Measurement Information
All parameters are measured according to the conditions described in Specifications.
(1)
The 1-µF input capacitors on IN+ and IN– were shorted for input common-mode voltage measurements.
(2)
A 33-µH inductor was placed in series with the load resistor to emulate a small speaker for efficiency measurements.
(3)
The 30-kHz low-pass filter is required even if the analyzer has an internal low-pass filter. An R-C low-pass filter
(100
Ω, 47 nF) is used on each output for the data sheet graphs.
Figure 20. Test Setup for Graphs


Podobny numer części - TPA2080D1YZGT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2080D1YZGT TI1-TPA2080D1YZGT Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
More results

Podobny opis - TPA2080D1YZGT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2013D1 TI1-TPA2013D1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2025D1 TI1-TPA2025D1_14 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2015D1 TI1-TPA2015D1 Datasheet
1Mb / 33P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA2018 ANPEC-APA2018 Datasheet
276Kb / 19P
   3.6W Constant Output Power Class-D Audio Amplifier
logo
Texas Instruments
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
logo
ON Semiconductor
NCP2830 ONSEMI-NCP2830 Datasheet
314Kb / 15P
   1W Constant Filterless Class-D Audio Amplifier
August, 2009 ??Rev. 0
logo
Texas Instruments
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com