Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3244D2DDW Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części TPA3244D2DDW
Szczegółowy opis  100W peak PurePath Ultra-HD Pad Down Class-D Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3244D2DDW Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TPA3244D2DDW Datasheet HTML 7Page - Texas Instruments TPA3244D2DDW Datasheet HTML 8Page - Texas Instruments TPA3244D2DDW Datasheet HTML 9Page - Texas Instruments TPA3244D2DDW Datasheet HTML 10Page - Texas Instruments TPA3244D2DDW Datasheet HTML 11Page - Texas Instruments TPA3244D2DDW Datasheet HTML 12Page - Texas Instruments TPA3244D2DDW Datasheet HTML 13Page - Texas Instruments TPA3244D2DDW Datasheet HTML 14Page - Texas Instruments TPA3244D2DDW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
TPA3244
www.ti.com
SLASEC6 – APRIL 2016
Product Folder Links: TPA3244
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stuck at Fault occurs when input OSC_IO input signal frequency drops below minimum frequency given in the Electrical Characteristics
table of this data sheet.
7.4.1.6 Fault Handling
If a fault situation occurs while in operation, the device acts accordingly to the fault being a global or a channel
fault. A global fault is a chip-wide fault situation and causes all PWM activity of the device to be shut down, and
will assert FAULT low. A global fault is a latching fault and clearing FAULT and restart operation requires
resetting the device by toggling RESET. Toggling RESET should never be allowed with excessive system
temperature, so it is advised to monitor RESET by a system microcontroller and only allow releasing RESET
(RESET high) if the OTW signal is cleared (high). A channel fault results in shutdown of the PWM activity of the
affected channel(s). Note that asserting RESET low forces the FAULT signal high, independent of faults being
present. TI recommends monitoring the OTW signal using the system micro controller and responding to an over
temperature warning signal by, that is, turning down the volume to prevent further heating of the device resulting
in device shutdown (OTE).
Table 6. Error Reporting
Fault/Event
Fault/Event
Description
Global or
Channel
Reporting
Method
Latched/Self
Clearing
Action needed
to Clear
Output FETs
PVDD_X UVP
Voltage Fault
Global
FAULT pin
Self Clearing
Increase affected
supply voltage
HI-Z
VDD UVP
AVDD UVP
POR (DVDD UVP)
Power On Reset
Global
FAULT pin
Self Clearing
Allow DVDD to
rise
HI-Z
BST_X UVP
Voltage Fault
Channel (Half
Bridge)
None
Self Clearing
Allow BST cap to
recharge (lowside
ON, VDD 12V)
HighSide off
OTW
Thermal Warning
Global
OTW pin
Self Clearing
Cool below OTW
threshold
Normal operation
OTE
Thermal
Shutdown
Global
FAULT pin
Latched
Toggle RESET
HI-Z
OLP (CB3C>1.7ms)
OC Shutdown
Channel
FAULT pin
Latched
Toggle RESET
HI-Z
Latched OC
(47k
Ω<ROC_ADJ<68
k
Ω)
OC Shutdown
Channel
FAULT pin
Latched
Toggle RESET
HI-Z
CB3C
(22k
Ω<ROC_ADJ<30
k
Ω)
OC Limiting
Channel
None
Self Clearing
Reduce signal
level or remove
short
Flip state, cycle
by cycle at fs/3
Stuck at Fault(1)
No OSC_IO
activity in Slave
Mode
Global
None
Self Clearing
Resume OSC_IO
activity
HI-Z
7.4.1.7 Device Reset
Asserting RESET low initiates the device ramp down. The output FETs go into a Hi-Z state after the ramp down
is complete. Output pull downs are active both in SE mode and BTL mode with RESET low.
In BTL modes, to accommodate bootstrap charging prior to switching start, asserting the reset input low enables
weak pulldown of the half-bridge outputs.
Asserting reset input low removes any fault information to be signaled on the FAULT output, that is, FAULT is
forced high. A rising-edge transition on reset input allows the device to resume operation after an overload fault.
To ensure thermal reliability, the rising edge of reset must occur no sooner than 4 ms after the falling edge of
FAULT.


Podobny numer części - TPA3244D2DDW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3244D2 TI1-TPA3244D2 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
More results

Podobny opis - TPA3244D2DDW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3250 TI1-TPA3250 Datasheet
776Kb / 41P
[Old version datasheet]   130W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3250D2 TI1-TPA3250D2 Datasheet
775Kb / 41P
[Old version datasheet]   70-W Stereo, 130-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3244 TI1-TPA3244_16 Datasheet
472Kb / 31P
[Old version datasheet]   40-W Stereo, 100-W peak PurePath Ultra-HD Pad Down Class-D Amplifier
TPA3251 TI1-TPA3251 Datasheet
1Mb / 39P
[Old version datasheet]   350W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3220 TI1-TPA3220 Datasheet
863Kb / 39P
[Old version datasheet]   60-W Stereo, 100-W Peak HD Analog-Input, Pad-Down Class-D Amplifier
TPA3251D2 TI1-TPA3251D2 Datasheet
1Mb / 39P
[Old version datasheet]   175-W Stereo, 350-W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3251D2 TI-TPA3251D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA3251D2 175-W Stereo, 350-W Mono PurePath??Ultra-HD Analog-Input Class-D Amplifier
TPA3255 TI1-TPA3255 Datasheet
467Kb / 29P
[Old version datasheet]   600W Mono PurePath Ultra-HD Analog-Input
TPA3245 TI1-TPA3245 Datasheet
449Kb / 28P
[Old version datasheet]   200W Mono PurePath Ultra-HD Analog-Input
logo
Zetex Semiconductors
ZXCD100MOEVAL ZETEX-ZXCD100MOEVAL Datasheet
459Kb / 8P
   100W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com