Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS12A44514DRG4 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części TS12A44514DRG4
Szczegółowy opis  Low ON-State Resistance 4-Channel SPST CMOS Analog Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS12A44514DRG4 Arkusz danych(HTML) 5 Page - Texas Instruments

  TS12A44514DRG4 Datasheet HTML 1Page - Texas Instruments TS12A44514DRG4 Datasheet HTML 2Page - Texas Instruments TS12A44514DRG4 Datasheet HTML 3Page - Texas Instruments TS12A44514DRG4 Datasheet HTML 4Page - Texas Instruments TS12A44514DRG4 Datasheet HTML 5Page - Texas Instruments TS12A44514DRG4 Datasheet HTML 6Page - Texas Instruments TS12A44514DRG4 Datasheet HTML 7Page - Texas Instruments TS12A44514DRG4 Datasheet HTML 8Page - Texas Instruments TS12A44514DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
TS12A44513, TS12A44514, TS12A44515
www.ti.com
SCDS247B – OCTOBER 2008 – REVISED FEBRUARY 2016
Product Folder Links: TS12A44513 TS12A44514 TS12A44515
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
(2)
Typical values are at TA = 25°C.
(3)
ΔRON = RON(MAX) – RON(MIN)
(4)
Leakage parameters are 100% tested at maximum-rated hot operating temperature, and are ensured by correlation at 25°C.
(5)
Specified by design, not production tested
6.5 Electrical Characteristics for 5-V Supply
(1)
VCC = 4.5 V to 5.5 V, VINH = 2.4 V, VINL = 0.8 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP(2)
MAX
UNIT
ANALOG SWITCH
VCOM, VNO,
VNC
Analog signal range
0
VCC
V
Ron
ON-state resistance
VCC = 4.5 V, VCOM = 3.5 V,
ICOM = 1 mA
25°C
12
20
Full
30
Ron(flat)
ON-state resistance
flatness
VCOM = 1 V, 2 V, 3 V,
ICOM = 1 mA
25°C
1
3
Full
4
ΔRon
ON-state resistance
matching between channels(3)
VCC = 4.5 V, ICOM = 5 mA,
VNO or VNC = 3 V
25°C
3
TMIN to TMAX
4
INO(OFF),
INC(OFF)
NO, NC
OFF leakage current(4)
VCC = 5.5 V, VCOM = 1 V,
VNO or VNC = 4.5 V
25°C
1
nA
Full
10
ICOM(OFF)
COM
OFF leakage current(4)
VCC = 5.5 V, VCOM = 1 V,
VNO or VNC = 4.5 V
25°C
1
nA
Full
10
ICOM(ON)
COM
ON leakage current(4)
VCC = 5.5 V, VCOM = 4.5 V,
VNO or VNC = 4.5 V
25°C
1
nA
Full
10
DIGITAL CONTROL INPUT (IN)
VIH
Input logic high
Full
2.4
VCC
V
VIL
Input logic low
Full
0
0.8
V
IIH, IIL
Input leakage current
VIN = VCC, 0 V
Full
0.01
μA
DYNAMIC
tON
Turn-on time
see Figure 2
25°C
45
100
ns
Full
125
tOFF
Turn-off time
see Figure 2
25°C
35
50
ns
Full
70
QC
Charge injection(5)
CL = 1 nF, VNO = 0 V,
RS = 0 Ω, See Figure 1
25°C
–1.5
pC
CNO(OFF),
CNC(OFF)
NO, NC
OFF capacitance
f = 1 MHz, See Figure 4
25°C
8
pF
CCOM(OFF)
COM
OFF capacitance
f = 1 MHz, See Figure 4
25°C
8
pF
CCOM(ON)
COM
ON capacitance
f = 1 MHz, See Figure 4
25°C
19
pF
CI
Digital input capacitance
VIN = VCC, 0 V
25°C
2
pF
BW
Bandwidth
RL = 50 Ω, CL = 15 pF,
VNO = 1 VRMS,
25°C
530
MHz
OISO
OFF isolation
RL = 50 Ω, CL = 15 pF,
VNO = 1 VRMS, f = 100 kHz
25°C
–94
dB
THD
Total harmonic distortion
RL = 50 Ω, CL = 15 pF,
VNO = 1 VRMS, f = 100 kHz
25°C
0.09%
SUPPLY
ICC
Supply Current
VIN = VCC, 0 V
25°C
0.05
μA
Full
0.1


Podobny numer części - TS12A44514DRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS12A44514DRG4 TI-TS12A44514DRG4 Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44514DRG4 TI-TS12A44514DRG4 Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44514DRG4 TI1-TS12A44514DRG4 Datasheet
936Kb / 19P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
More results

Podobny opis - TS12A44514DRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS12A44513 TI-TS12A44513_10 Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_14 Datasheet
936Kb / 19P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI-TS12A44513 Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A4514 TI-TS12A4514 Datasheet
269Kb / 15P
[Old version datasheet]   LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516_10 Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516_101 TI-TS12A4516_101 Datasheet
519Kb / 15P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516 Datasheet
274Kb / 11P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI1-TS12A4516_14 Datasheet
679Kb / 18P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX4514EUK-T MAXIM-MAX4514EUK-T Datasheet
396Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 1; 5/05
MAX4514 MAXIM-MAX4514 Datasheet
80Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 0; 6/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com