Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4003 Arkusz danych(PDF) 1 Page - Suntan Capacitors

Numer części 1N4003
Szczegółowy opis  Construction utilizes void-free molded plastic technique
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNTAN [Suntan Capacitors]
Strona internetowa  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

1N4003 Arkusz danych(HTML) 1 Page - Suntan Capacitors

  1N4003 Datasheet HTML 1Page - Suntan Capacitors 1N4003 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Suntan®
1N4001 THRU 1N4007
GENERAL PURPOSE SILICON RECTIFIER
Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
FEATURES
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
●Construction utilizes void-free molded plastic technique
●Low reverse leakage
●High forward surge current capability
●High temperature soldering guaranteed:
250℃/10 seconds,0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-41 molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.26 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
SYMBOLS
1N4001
1N4002
1N4003
1N4004
1N4005
1N4006
1N4007
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
VOLTS
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
VOLTS
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
VOLTS
Maximum average forward rectified current
0.375”(9.5mm) lead length at TA=75℃
I(AV)
1.0
Amp
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30.0
Amps
Maximum instantaneous forward voltage at 1.0A
VF
1.1
Volts
Maximum DC reverse current
TA=25℃
at rated DC blocking voltage
TA=100℃
IR
5.0
50.0
uA
Typical junction capacitance (NOTE 1)
CJ
15.0
pF
Typical thermal resistance (NOTE 2)
RqJA
50.0
℃/W
Operating junction and storage temperature range
TJ,TSTG
-65 to +175
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.Thermal resistance from junction to ambient
at 0.375” (9.5mm)lead length, P.C.B. mounted
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
Dimensions in inches and (millimeters)
DO-41


Podobny numer części - 1N4003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Silicon Co., Ltd
1N4003 FS-1N4003 Datasheet
621Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
logo
Pan Jit International I...
1N4003 PANJIT-1N4003 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Central Semiconductor C...
1N4003 CENTRAL-1N4003 Datasheet
72Kb / 2P
   AMP SILICON RECTIFIER
logo
Pan Jit International I...
1N4003 PANJIT-1N4003 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4003 EIC-1N4003 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
More results

Podobny opis - 1N4003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingtronics Internation...
1N4001S KINGTRONICS-1N4001S Datasheet
211Kb / 2P
   Construction utilizes void-free molded plastic technique
logo
Sangdest Microelectroni...
KBL4005 SMC-KBL4005 Datasheet
271Kb / 4P
   Reliable low cost construction utilizing molded plastic technique
logo
List of Unclassifed Man...
R317072000 ETC2-R317072000 Datasheet
56Kb / 2P
   NOTICE TECHNIQUE
R191970061 ETC2-R191970061 Datasheet
31Kb / 1P
   FICHE TECHNIQUE
R605005000 ETC2-R605005000 Datasheet
98Kb / 2P
   FICHE TECHNIQUE
BA9040 ETC2-BA9040 Datasheet
153Kb / 2P
   Monitoring technique
logo
First Components Intern...
FCR0320 FCI-FCR0320 Datasheet
136Kb / 1P
   0.3 Amp Silicon Controlled Rectifiers VOID-FREE GLASS PASSIVATED CHIPS
logo
TT Electronics.
PWAXIAL TTELEC-PWAXIAL Datasheet
346Kb / 2P
   Lead free, RoHS compliant construction available
logo
Analog Intergrations Co...
AN011 AIC-AN011 Datasheet
98Kb / 5P
   cost-effective technique
logo
Vishay Siliconix
WSCWSN VISHAY-WSCWSN Datasheet
101Kb / 3P
   All welded construction, Molded encapsulation, Wraparound terminations
Revision: 17-Feb-11
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com