Zakładka z wyszukiwarką danych komponentów |
|
1N4005 Arkusz danych(PDF) 1 Page - Suntan Capacitors |
|
1N4005 Arkusz danych(HTML) 1 Page - Suntan Capacitors |
1 / 2 page Suntan® 1N4001 THRU 1N4007 GENERAL PURPOSE SILICON RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere FEATURES ●The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 ●Construction utilizes void-free molded plastic technique ●Low reverse leakage ●High forward surge current capability ●High temperature soldering guaranteed: 250℃/10 seconds,0.375”(9.5mm) lead length, 5 lbs. (2.3kg) tension MECHANICAL DATA Case: JEDEC DO-41 molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight:0.26 grams MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25℃ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%. SYMBOLS 1N4001 1N4002 1N4003 1N4004 1N4005 1N4006 1N4007 UNITS Maximum repetitive peak reverse voltage VRRM 50 100 200 400 600 800 1000 VOLTS Maximum RMS voltage VRMS 35 70 140 280 420 560 700 VOLTS Maximum DC blocking voltage VDC 50 100 200 400 600 800 1000 VOLTS Maximum average forward rectified current 0.375”(9.5mm) lead length at TA=75℃ I(AV) 1.0 Amp Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) IFSM 30.0 Amps Maximum instantaneous forward voltage at 1.0A VF 1.1 Volts Maximum DC reverse current TA=25℃ at rated DC blocking voltage TA=100℃ IR 5.0 50.0 uA Typical junction capacitance (NOTE 1) CJ 15.0 pF Typical thermal resistance (NOTE 2) RqJA 50.0 ℃/W Operating junction and storage temperature range TJ,TSTG -65 to +175 ℃ Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2.Thermal resistance from junction to ambient at 0.375” (9.5mm)lead length, P.C.B. mounted Suntan ® Technology Company Limited Website: www.suntan.com.hk Email: info@suntan.com.hk Tel: (852) 8202 8782 Fax: (852) 8208 6246 Dimensions in inches and (millimeters) DO-41 |
Podobny numer części - 1N4005 |
|
Podobny opis - 1N4005 |