Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MVTM36BF072M017A00 Arkusz danych(PDF) 9 Page - Vicor Corporation

Numer części MVTM36BF072M017A00
Szczegółowy opis  High Efficiency, Sine Amplitude Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VICOR [Vicor Corporation]
Strona internetowa  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MVTM36BF072M017A00 Arkusz danych(HTML) 9 Page - Vicor Corporation

Back Button MVTM36BF072M017A00 Datasheet HTML 5Page - Vicor Corporation MVTM36BF072M017A00 Datasheet HTML 6Page - Vicor Corporation MVTM36BF072M017A00 Datasheet HTML 7Page - Vicor Corporation MVTM36BF072M017A00 Datasheet HTML 8Page - Vicor Corporation MVTM36BF072M017A00 Datasheet HTML 9Page - Vicor Corporation MVTM36BF072M017A00 Datasheet HTML 10Page - Vicor Corporation MVTM36BF072M017A00 Datasheet HTML 11Page - Vicor Corporation MVTM36BF072M017A00 Datasheet HTML 12Page - Vicor Corporation MVTM36BF072M017A00 Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
VTM® Current Multiplier
Rev 1.3
vicorpower.com
Page 9 of 31
07/2015
800 927.9474
MVTM36 Series
Model Specific Electrical Characteristics (Cont.)
Specifications apply over all line and load conditions, unless otherwise noted; Boldface specifications apply over the temperature range of
-55°C < TJ < 125°C (T-Grade); All other specifications are at TJ = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
MVTM36BF060M020A00
No load power dissipation
PNL
VIN = 26 V to 50 V
14.0
W
Transfer ratio
K
K = VOUT / VIN, IOUT = 0 A
1/6
V/V
Ouput voltage
VOUT
VOUT = VIN • K - IOUT • ROUT
V
Output current (average)
IOUT_AVG
20
A
Output current (peak)
IOUT_PK
tPEAK < 10 ms, IOUT_AVG ≤ 20 A
30
A
Efficiency (ambient)
h
AMB
VIN = 36 V, IOUT = 20 A
94.6
95.5
%
VIN = 26 V to 50 V, IOUT = 20 A
92.0
Output resistance (cold)
ROUT_COLD
TC = -40°C, IOUT = 20 A
3.0
7.0
9.0
Output resistance (ambient)
ROUT_AMB
TC = 25°C, IOUT = 20 A
5.0
8.0
10.0
Output resistance (hot)
ROUT_HOT
TC = 100°C, IOUT = 20 A
6.0
12.0
15.0
Switching frequency
fSW
1.47
1.52
1.57
MHz
Output ripple frequency
fSW_RP
7.94
3.04
3.14
MHz
MTBF
MIL-HDBK-217 Plus Parts Count; 25°C Ground Benign,
Stationary, Indoors / Computer Profile
4.3
MHrs
Telcordia Issue 2 - Method 1 Case 1;
Ground Benign, Controlled
9.5
MHrs
VC internal resistor
RVC-INT
0.56
MVTM36BF072M017A00
No load power dissipation
PNL
VIN = 26 V to 50 V
14.0
W
Transfer ratio
K
K = VOUT / VIN, IOUT = 0 A
1/5
V/V
Ouput voltage
VOUT
VOUT = VIN • K - IOUT • ROUT
V
Output current (average)
IOUT_AVG
17
A
Output current (peak)
IOUT_PK
tPEAK < 10 ms, IOUT_AVG ≤ 17 A
25
A
Efficiency (ambient)
h
AMB
VIN = 36 V, IOUT = 17 A
95.3
95.9
%
VIN = 26 V to 55 V, IOUT = 17 A
92.0
Output resistance (cold)
ROUT_COLD
TC = -40°C, IOUT = 17 A
3.3
5.6
7.8
Output resistance (ambient)
ROUT_AMB
TC = 25°C, IOUT = 17 A
5.0
7.8
10.0
Output resistance (hot)
ROUT_HOT
TC = 100°C, IOUT = 17 A
7.0
9.1
12.0
Switching frequency
fSW
1.50
1.55
1.60
MHz
Output ripple frequency
fSW_RP
3.00
3.10
3.20
MHz
MTBF
MIL-HDBK-217 Plus Parts Count; 25°C Ground Benign,
Stationary, Indoors / Computer Profile
3.5
MHrs
Telcordia Issue 2 - Method 1 Case 1;
Ground Benign, Controlled
5.5
MHrs
VC internal resistor
RVC-INT
0.56


Podobny numer części - MVTM36BF072M017A00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vicor Corporation
MVTM36BF015M080A00 VICOR-MVTM36BF015M080A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF022M055A00 VICOR-MVTM36BF022M055A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF045M027A00 VICOR-MVTM36BF045M027A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF060M020A00 VICOR-MVTM36BF060M020A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF090M013A00 VICOR-MVTM36BF090M013A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
More results

Podobny opis - MVTM36BF072M017A00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vicor Corporation
VTM48EX020Y080A00 VICOR-VTM48EX020Y080A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX240Y012A00 VICOR-VTM48EX240Y012A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF022M055A00 VICOR-MVTM36BF022M055A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF240M005A00 VICOR-MVTM36BF240M005A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
V048X480Y006A VICOR-V048X480Y006A Datasheet
1Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX080Y030A00 VICOR-VTM48EX080Y030A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF015M080A00 VICOR-MVTM36BF015M080A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF090M013A00 VICOR-MVTM36BF090M013A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BH090M010A00 VICOR-MVTM36BH090M010A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
VTM48EX012Y130A00 VICOR-VTM48EX012Y130A00 Datasheet
539Kb / 17P
   High Efficiency, Sine Amplitude Converter
VTM48EX060Y040A00 VICOR-VTM48EX060Y040A00 Datasheet
816Kb / 20P
   High Efficiency, Sine Amplitude Converter?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com