Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MVTM36BH030M025A00 Arkusz danych(PDF) 4 Page - Vicor Corporation

Numer części MVTM36BH030M025A00
Szczegółowy opis  High Efficiency, Sine Amplitude Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VICOR [Vicor Corporation]
Strona internetowa  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MVTM36BH030M025A00 Arkusz danych(HTML) 4 Page - Vicor Corporation

  MVTM36BH030M025A00 Datasheet HTML 1Page - Vicor Corporation MVTM36BH030M025A00 Datasheet HTML 2Page - Vicor Corporation MVTM36BH030M025A00 Datasheet HTML 3Page - Vicor Corporation MVTM36BH030M025A00 Datasheet HTML 4Page - Vicor Corporation MVTM36BH030M025A00 Datasheet HTML 5Page - Vicor Corporation MVTM36BH030M025A00 Datasheet HTML 6Page - Vicor Corporation MVTM36BH030M025A00 Datasheet HTML 7Page - Vicor Corporation MVTM36BH030M025A00 Datasheet HTML 8Page - Vicor Corporation MVTM36BH030M025A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
VTM® Current Multiplier
Rev 1.3
vicorpower.com
Page 4 of 31
07/2015
800 927.9474
MVTM36 Series
Half VIC
1
2
3
4
B
C
D
E
F
A’
B’
E
IM
+IN
-IN
+OUT
-OUT
TOP VIEW
A
VC
TM
PC
Pin Configuration (Half)
Pin Number
Signal Name
Type
Function
A1, A2
+IN
INPUT POWER
Positive Input Power Terminal
B1
IM
OUTPUT
Provides voltage proportional to load current.
C2
TM
OUTPUT
Provides voltage proportional to internal VTM controller temperature. “Power Good” flag.
D1
VC
INPUT
Connect to 12 V source to power internal VTM control circuits.
E2
PC
BIDIR
Enables power supply when allowed to float high. 5 V during normal operation.
F1, F2
-IN
INPUT POWER
RETURN
Negative Input Power Terminal
A’3, A’4
+OUT
OUTPUT POWER Positive Output Power Terminal
B’3, B’4
-OUT
OUTPUT POWER
RETURN
Positive Output Power Terminal
Pin Description (Half)


Podobny numer części - MVTM36BH030M025A00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vicor Corporation
MVTM36BH045M020A00 VICOR-MVTM36BH045M020A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BH090M010A00 VICOR-MVTM36BH090M010A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
More results

Podobny opis - MVTM36BH030M025A00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vicor Corporation
VTM48EX020Y080A00 VICOR-VTM48EX020Y080A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX240Y012A00 VICOR-VTM48EX240Y012A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF022M055A00 VICOR-MVTM36BF022M055A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF240M005A00 VICOR-MVTM36BF240M005A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
V048X480Y006A VICOR-V048X480Y006A Datasheet
1Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX080Y030A00 VICOR-VTM48EX080Y030A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF015M080A00 VICOR-MVTM36BF015M080A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF090M013A00 VICOR-MVTM36BF090M013A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BH090M010A00 VICOR-MVTM36BH090M010A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
VTM48EX012Y130A00 VICOR-VTM48EX012Y130A00 Datasheet
539Kb / 17P
   High Efficiency, Sine Amplitude Converter
VTM48EX060Y040A00 VICOR-VTM48EX060Y040A00 Datasheet
816Kb / 20P
   High Efficiency, Sine Amplitude Converter?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com