Zakładka z wyszukiwarką danych komponentów |
|
MVTM36BH090M010A00 Arkusz danych(PDF) 7 Page - Vicor Corporation |
|
MVTM36BH090M010A00 Arkusz danych(HTML) 7 Page - Vicor Corporation |
7 / 31 page VTM® Current Multiplier Rev 1.3 vicorpower.com Page 7 of 31 07/2015 800 927.9474 MVTM36 Series Model Specific Electrical Characteristics Specifications apply over all line and load conditions, unless otherwise noted; Boldface specifications apply over the temperature range of -55°C < TJ < 125°C (T-Grade); All other specifications are at TJ = 25ºC unless otherwise noted. Attribute Symbol Conditions / Notes Min Typ Max Unit MVTM36BF015M080A00 No load power dissipation PNL VIN = 26 V to 50 V 7.5 W Transfer ratio K K = VOUT / VIN, IOUT = 0 A 1/24 V/V Ouput voltage VOUT VOUT = VIN • K - IOUT • ROUT V Output current (average) IOUT_AVG 80 A Output current (peak) IOUT_PK tPEAK < 10 ms, IOUT_AVG ≤ 80 A 120 A Efficiency (ambient) h AMB VIN = 36 V, IOUT = 80 A 90.0 91.3 % VIN = 26 V to 50 V, IOUT = 80 A 87.3 Output resistance (cold) ROUT_COLD TC = -40°C, IOUT = 80 A 0.40 0.76 1.0 mΩ Output resistance (ambient) ROUT_AMB TC = 25°C, IOUT = 80 A 0.55 0.98 1.4 mΩ Output resistance (hot) ROUT_HOT TC = 100°C, IOUT = 80 A 0.65 1.18 1.5 mΩ Switching frequency fSW 1.50 1.60 1.70 MHz Output ripple frequency fSW_RP 3.00 3.20 3.40 MHz MTBF MIL-HDBK-217 Plus Parts Count; 25°C Ground Benign, Stationary, Indoors / Computer Profile 5.0 MHrs Telcordia Issue 2 - Method 1 Case 1; Ground Benign, Controlled 6.7 MHrs VC internal resistor RVC-INT 2 kΩ MVTM36BF022M055A00 No load power dissipation PNL VIN = 26 V to 50 V 8.6 W Transfer ratio K K = VOUT / VIN, IOUT = 0 A 1/16 V/V Ouput voltage VOUT VOUT = VIN • K - IOUT • ROUT V Output current (average) IOUT_AVG 55 A Output current (peak) IOUT_PK tPEAK < 10 ms, IOUT_AVG ≤ 55 A 82 A Efficiency (ambient) h AMB VIN = 36 V, IOUT = 55 A 92.6 93.7 % VIN = 26 V to 50 V, IOUT = 55 A 88.8 Output resistance (cold) ROUT_COLD TC = -40°C, IOUT = 55 A 0.6 1.1 1.8 mΩ Output resistance (ambient) ROUT_AMB TC = 25°C, IOUT = 55 A 0.8 1.4 1.9 mΩ Output resistance (hot) ROUT_HOT TC = 100°C, IOUT = 55 A 1.0 1.7 2.2 mΩ Switching frequency fSW 1.36 1.43 1.50 MHz Output ripple frequency fSW_RP 2.72 2.86 3.00 MHz MTBF MIL-HDBK-217 Plus Parts Count; 25°C Ground Benign, Stationary, Indoors / Computer Profile 1.9 MHrs Telcordia Issue 2 - Method 1 Case 1; Ground Benign, Controlled 6.0 MHrs VC internal resistor RVC-INT 1.0 kΩ |
Podobny numer części - MVTM36BH090M010A00 |
|
Podobny opis - MVTM36BH090M010A00 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |