Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STZ8082 Arkusz danych(PDF) 2 Page - Solid State Optronic

Numer części STZ8082
Szczegółowy opis  High Blocking Voltage
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SSOUSA [Solid State Optronic]
Strona internetowa  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

STZ8082 Arkusz danych(HTML) 2 Page - Solid State Optronic

  STZ8082 Datasheet HTML 1Page - Solid State Optronic STZ8082 Datasheet HTML 2Page - Solid State Optronic STZ8082 Datasheet HTML 3Page - Solid State Optronic STZ8082 Datasheet HTML 4Page - Solid State Optronic STZ8082 Datasheet HTML 5Page - Solid State Optronic STZ8082 Datasheet HTML 6Page - Solid State Optronic STZ8082 Datasheet HTML 7Page - Solid State Optronic STZ8082 Datasheet HTML 8Page - Solid State Optronic STZ8082 Datasheet HTML 9Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 2016 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 9
STZ8082 H/S/TR
Rev 2.00 (02/29/2016)
003107
STZ8082
Zero Cross
800V / 0.8A
AC Solid State Relay
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Specifications
LED Forward Voltage
VF
-
1.4
1.8
V
IF = 10mA
LED Reverse Voltage
BVR
5
-
-
V
IR = 10μA
Trigger Current 1
IFT
-
-
10
mA
Resistive Load
Output Specifications
Peak Off-State Voltage
VDRM
800
-
-
V
IDRM=10A
Continuous Load Current
IT(RMS)
-
-
0.8
A
IFT=10mA
Peak On-State Voltage
VTM
-
1.3
2.5
V
IFT=10mA, IT=800mA
Zero-Cross Voltage (Voltage at Turn On)
VZC
-
5
25
V
IFT=10mA
Leakage Current
IDRM
-
10
100
A
IFT=0mA, VDRM=800V
Holding Current
IH
-
5
25
mA
IFT=10mA
Critical Rate of Rise (dV//dt)
dVD/dt
-
-
400
V/
S
VDM=67% 800V
Isolation Specifications
Isolation Voltage
VISO
3750
-
-
VRMS
RH ≤ 50%, t=1min
(-H Option)
5000
-
-
Input-Output Resistance
RI-O
-
1012
-

VI-O = 500VDC
Notes:
1)
IFT = 20mA recommended for inductive loads
Electrical Characteristics, TA = 25°C (unless otherwise specified)


Podobny numer części - STZ8082

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SEMTECH ELECTRONICS LTD...
STZ8082 SEMTECH_ELEC-STZ8082 Datasheet
301Kb / 5P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
STZ8082 HTSEMI-STZ8082 Datasheet
595Kb / 5P
   Silicon Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
STZ8082A SEMTECH_ELEC-STZ8082A Datasheet
301Kb / 5P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
STZ8082A HTSEMI-STZ8082A Datasheet
595Kb / 5P
   Silicon Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
STZ8082B SEMTECH_ELEC-STZ8082B Datasheet
301Kb / 5P
   SILICON PLANAR ZENER DIODES
More results

Podobny opis - STZ8082

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Solid State Optronic
STZ8062 SSOUSA-STZ8062 Datasheet
400Kb / 9P
   High Blocking Voltage
AD4C101 SSOUSA-AD4C101 Datasheet
224Kb / 5P
   High Blocking Voltage (600V)
logo
NXP Semiconductors
BT139-800G NXP-BT139-800G Datasheet
194Kb / 14P
   High blocking voltage capability
Rev. 5-23 March 2011
logo
Solid State Optronic
AD2C101 SSOUSA-AD2C101_15 Datasheet
242Kb / 5P
   High Blocking Voltage (600V)
AD6C010 SSOUSA-AD6C010 Datasheet
249Kb / 7P
   High Blocking Voltage (1200V)
STR8062 SSOUSA-STR8062 Datasheet
357Kb / 8P
   High Blocking Voltage (600V)
AD6C011 SSOUSA-AD6C011 Datasheet
250Kb / 7P
   High Blocking Voltage (800V)
AD6C101 SSOUSA-AD6C101_15 Datasheet
212Kb / 5P
   High Blocking Voltage (600V)
AD4C201 SSOUSA-AD4C201 Datasheet
298Kb / 8P
   High Blocking Voltage (600V)
logo
NXP Semiconductors
BT138B-600-118 PHILIPS-BT138B-600-118 Datasheet
212Kb / 14P
   High blocking voltage capability
26 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com