Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1036 Arkusz danych(PDF) 2 Page - Nanjing International Group Co

Numer części 2SA1036
Szczegółowy opis  SOT-23 Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DGNJDZ [Nanjing International Group Co]
Strona internetowa  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SA1036 Arkusz danych(HTML) 2 Page - Nanjing International Group Co

  2SA1036 Datasheet HTML 1Page - Nanjing International Group Co 2SA1036 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-1
-10
-100
-1
-10
-100
-1000
-200
-400
-600
-800
-1000
-1
-10
-100
-1
-10
-100
10
100
1000
-1
-10
-100
-200
-400
-600
-800
-1000
-1200
0
25
50
75
100
125
150
0
50
100
150
200
250
-0.1
-1
-10
1
10
100
-0
-1
-2
-3
-4
-0
-3
-6
-9
-12
-15
-1
-10
10
100
1000
h
FE
——
-500
Ta=100℃
Ta=25℃
β=10
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
-500
T
a=25
T
a=100
COMMON EMITTER
V
CE=-3V
BASE-EMMITER VOLTAGE V
BE
(mV)
COMMON EMITTER
V
CE=-3V
Ta=25
oC
Ta=100
oC
I
C
COLLECTOR CURRENT I
C
(mA)
-500
V
BE
I
C
——
-500
β=10
Ta=100℃
Ta=25℃
I
C
V
BEsat
——
COLLECTOR CURRENT I
C
(mA)
2SA1036
Typical Characteristics
AMBIENT TEMPERATURE Ta ( )
Pc
——
Ta
C
ob
C
ib
f=1MHz
I
E=0/ IC=0
Ta=25
oC
REVERSE VOLTAGE V (V)
-20
V
CB
/ V
EB
C
ob
/ C
ib
——
-50uA
-45uA
-40uA
-35uA
-30uA
-25uA
-20uA
-15uA
Static Characteristic
-10uA
COMMON EMITTER
T
a=25
I
B=-5uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
I
C
f
T
——
-20
COMMON EMITTER
V
CE=-5V
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
B,Aug,2012


Podobny numer części - 2SA1036

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Galaxy Semi-Conductor H...
2SA1036 BILIN-2SA1036 Datasheet
228Kb / 4P
   Silicon Epitaxial Planar Transistor
logo
SeCoS Halbleitertechnol...
2SA1036 SECOS-2SA1036 Datasheet
235Kb / 2P
   PNP Silicon General Purpose Transistor
2SA1036 SECOS-2SA1036 Datasheet
700Kb / 2P
   PNP Silicon General Purpose Transistor
logo
Shenzhen Jin Yu Semicon...
2SA1036 HTSEMI-2SA1036 Datasheet
369Kb / 2P
   TRANSISTOR(PNP)
logo
GUANGDONG HOTTECH INDUS...
2SA1036 HOTTECH-2SA1036 Datasheet
213Kb / 2P
   Plastic-Encapsulate Transistors
More results

Podobny opis - 2SA1036

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
SS8050-SOT-23 HDSEMI-SS8050-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB709A JIANGSU-2SB709A Datasheet
662Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com