Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KSD13003E Arkusz danych(PDF) 3 Page - SemiHow Co.,Ltd.

Numer części KSD13003E
Szczegółowy opis  NPN Silicon Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMIHOW [SemiHow Co.,Ltd.]
Strona internetowa  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

KSD13003E Arkusz danych(HTML) 3 Page - SemiHow Co.,Ltd.

  KSD13003E Datasheet HTML 1Page - SemiHow Co.,Ltd. KSD13003E Datasheet HTML 2Page - SemiHow Co.,Ltd. KSD13003E Datasheet HTML 3Page - SemiHow Co.,Ltd. KSD13003E Datasheet HTML 4Page - SemiHow Co.,Ltd. KSD13003E Datasheet HTML 5Page - SemiHow Co.,Ltd. KSD13003E Datasheet HTML 6Page - SemiHow Co.,Ltd. KSD13003E Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
0
25
50
75
100
125
150
175
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TO-92
I
C, COLLECTOR CURRENT [A]
I
C, COLLECTOR CURRENT [A]
V
CE, COLLECTOR-EMITTER VOLTAGE [V]
T
c, CASE TEMPERATURE [
]
T
c, CASE TEMPERATURE [
]
Figure 1. DC Current Gain
Figure 2. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 3. Safe Operating Area
Figure 4. Power Derating
Figure 5. Power Derating
Typical Characteristics
Vce=5V
0
25
50
75
100
125
150
175
0
5
10
15
20
25
30
TO-251(2)


Podobny numer części - KSD13003E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SemiHow Co.,Ltd.
KSD13003E SEMIHOW-KSD13003E Datasheet
553Kb / 5P
   High Voltage Switch Mode Application
KSD13003ER SEMIHOW-KSD13003ER Datasheet
553Kb / 5P
   Suitable for Switching regulator, Inverters motor controls
More results

Podobny opis - KSD13003E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com