Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

9392 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części 9392
Szczegółowy opis  300V Power-Limited Tray Cables ??Overview
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

9392 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  9392 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9392 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9392 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9392 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9392 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9392 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9392 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9392 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9392 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.43
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
UL Instrumentation Cable
300V Power-Limited Tray Cables
Industrial Grade Sunlight- and Oil-Resistant Jackets
22 AWG Pairs Stranded (7x30) Tinned Copper Conductors • Twisted Pairs
Individually Shielded • PVC Insulation • Chrome PVC Jacket
9328
2
E2
500
152.4
23.5
10.2
.042
1.07
.323
8.20
54
240
3.00
76.20
1000
304.8
46.0
20.9
9329
3
E2
500
152.4
29.5
13.4
.042
1.07
.341
8.66
54
240
3.50
88.90
1000
304.8
60.0
27.3
9330
4
E2
500
152.4
39.0
17.7
.042
1.07
.372
9.45
110
489
3.50
88.90
1000
304.8
75.0
34.0
9331
6
E2
500
152.4
55.0
24.5
.053
1.35
.457
11.61
101
449
4.33
109.98
1000
304.8
111.0
50.4
9332
9
E2
500
152.4
75.0
34.1
.053
1.35
.530
13.46
160
711
5.00
127.00
1000
304.8
145.0
65.9
9333
11
E2
500
152.4
89.0
40.5
.053
1.35
.592
15.04
160
711
5.50
139.70
1000
304.8
177.0
80.5
9335
19
E2
500
152.4
141.5
64.3
.063
1.60
.711
18.06
264
1174
6.50
165.10
1000
304.8
287.0
130.5
22 AWG Pairs Stranded (7x30) Bare Copper Conductors* • Twisted Pairs
Individually Shielded + Overall Beldfoil® Shield (100% Coverage) • PVC Insulation • PVC Jacket (Black or Chrome)
3001A
2
E1
Bulk††
Bulk
.042
1.07
.324
8.23
54
240
3.25
82.55
3005A
4
E1
Bulk††
Bulk
.043
1.09
.360
9.14
115
511
3.50
88.90
3007A
8
E1
Bulk††
Bulk
.053
1.35
.497
12.62
250
1112
5.25
133.35
3009A
12
E1
Bulk††
Bulk
.053
1.35
.570
14.48
300
1334
5.75
146.05
3011A
16
E1
Bulk††
Bulk
.064
1.63
.674
17.12
350
1557
6.25
158.75
3013A
24
E1
Bulk††
Bulk
.065
1.65
.800
20.32
540
2402
8.00
203.20
3015A
50
E1
Bulk††
Bulk
.075
1.91
1.050
26.67
1330
5916
10.50
266.70
22 AWG Triads Stranded (7x30) Tinned Copper Conductors • Twisted Triads
Unshielded • PVC Insulation • Chrome PVC Jacket
9491
1
E1
U-500
U-152.4
12.5
5.7
.037
.94
.208
5.28
29
129
2.00
50.80
U-1000
U-304.8
23.0
10.4
Overall Beldfoil Shield (100% Coverage) • PVC Insulation • Chrome PVC Jacket
9363
1
E1
U-500
U-152.4
13.5
6.1
.037
.94
.208
5.28
29
129
2.00
50.80
U-1000
U-304.8
26.0
11.8
22 AWG Triads Stranded (7x30) Bare Copper Conductors* • Twisted Triads
Overall Beldfoil Shield (100% Coverage) • PVC Insulation • PVC Jacket (Black or Chrome)
3002A
2
E1
Bulk††
Bulk
.043
1.09
.330
8.38
62
275
3.50
88.90
Individually Shielded + Overall Beldfoil Shield (100% Coverage) • PVC Insulation • PVC Jacket (Black or Chrome)
3003A
2
E1
Bulk††
Bulk
.043
1.09
.330
8.38
82
364
3.25
82.55
*For tinned copper conductors, order with B suffix.
E1, E2 = Refer to Technical Information section for color code. Alternate color coding available upon request.
For Exposed Run rated 3000 series cables, order with “E” suffix, e.g. 3001AE.
Multiple pair or triad cables have each pair/triad numbered for ease of identification.
††Bulk = Check length available for specific construction.
Standard
Lengths
Ft.
Color
Code
mm
Jacket
Thickness
Inch
mm
Nominal
OD
Lbs.
N
Maximum
Pull Tension
Inch
Part
No.
Description
Minimum
Bend Radius
m
Standard
Unit Weight
No.
of
Pairs/
Triads
Lbs.
kg
Inch
mm
Rip Cord
Rip Cord
Rip Cord
Rip Cord
Communication Wire
Rip Cord
Communication
Wire
Drain Wires
Drain Wires
Drain Wire
Drain Wire
Rip Cord
Communication
Wire
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CMG
CEC: CMG FT4
IEEE 1202/383
ICEA T-29-520
Drain Wires
For Exposed Run rated cable, order 3003AE
For Exposed Run rated cable, order 3002AE


Podobny numer części - 9392

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Belden Inc.
9392 BELDEN-9392 Datasheet
209Kb / 2P
   High Perform Instr, 15 Pr #18 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
12-16-2022
9392-0601000 BELDEN-9392-0601000 Datasheet
209Kb / 2P
   High Perform Instr, 15 Pr #18 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
12-16-2022
9392-060500 BELDEN-9392-060500 Datasheet
209Kb / 2P
   High Perform Instr, 15 Pr #18 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
12-16-2022
logo
FCI connector
93922-XYYH FCI-CONNECTOR-93922-XYYH Datasheet
707Kb / 8P
   BERGSTIK II HEADER .100/2.54cc SR STRAIGHT
More results

Podobny opis - 9392

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Belden Inc.
9554 BELDEN-9554 Datasheet
112Kb / 3P
   9554 Multi-Conductor - 300V Power-Limited Tray Cable
logo
SAB North America
XLPE-TR SAB-XLPE-TR Datasheet
271Kb / 1P
   Tray & VFD Cables
VFD-XLPE-TR-LEAN SAB-VFD-XLPE-TR-LEAN Datasheet
202Kb / 1P
   Tray & VFD Cables
DC3332201TP SAB-DC3332201TP Datasheet
296Kb / 1P
   Tray & VFD Cables
XLPE SAB-XLPE Datasheet
207Kb / 1P
   Tray & VFD Cables
logo
List of Unclassifed Man...
7201A ETC2-7201A Datasheet
103Kb / 3P
   300V Flex Data Cables
logo
Roithner LaserTechnik G...
QL86T4HD ROITHNER-QL86T4HD Datasheet
220Kb / 3P
   OVERVIEW
QL65E7S-A ROITHNER-QL65E7S-A Datasheet
180Kb / 3P
   OVERVIEW
QL85J6S-A-L ROITHNER-QL85J6S-A-L Datasheet
141Kb / 3P
   OVERVIEW
QL68I6S-A ROITHNER-QL68I6S-A Datasheet
250Kb / 3P
   OVERVIEW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com