Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FZT948 Arkusz danych(PDF) 1 Page - Diodes Incorporated

Numer części FZT948
Szczegółowy opis  20V PNP MEDIUM POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT948 Arkusz danych(HTML) 1 Page - Diodes Incorporated

  FZT948_16 Datasheet HTML 1Page - Diodes Incorporated FZT948_16 Datasheet HTML 2Page - Diodes Incorporated FZT948_16 Datasheet HTML 3Page - Diodes Incorporated FZT948_16 Datasheet HTML 4Page - Diodes Incorporated FZT948_16 Datasheet HTML 5Page - Diodes Incorporated FZT948_16 Datasheet HTML 6Page - Diodes Incorporated FZT948_16 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FZT948
Document number: DS33189 Rev. 3 - 2
1 of 7
www.diodes.com
November 2015
© Diodes Incorporated
FZT948
20V PNP MEDIUM POWER TRANSISTOR IN SOT223
Features
BVCEO > -20V
IC = -6A High Continuous Collector Current
ICM = -20A Peak Pulse Current
Low Saturation Voltage VCE(sat)
hFE Specified up to -20A for a High Gain Hold-up
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT223
Case Material: Molded P
lastic. “Green” Molding Compound;
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads; Solderable per MIL-
STD-202, Method 208
Weight: 0.112 grams (Approximate)
Ordering Information (Note 4)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
FZT948TA
AEC-Q101
FZT948
7
12
1,000
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
SOT223
Green
SOT223
Top View
Device Symbol
Top View
Pin-Out
C
E
B
FZT
948
FZT 948 = Product Type Marking Code
YWW = Date Code Marking
Y or Y = Last Digit of Year (ex: 5= 2015)
WW or WW = Week Code (01 to 53)


Podobny numer części - FZT948_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
FZT948 DIODES-FZT948_17 Datasheet
568Kb / 7P
   20V PNP MEDIUM POWER TRANSISTOR
More results

Podobny opis - FZT948_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
FZT948 DIODES-FZT948_17 Datasheet
568Kb / 7P
   20V PNP MEDIUM POWER TRANSISTOR
ZXTP25020CFF DIODES-ZXTP25020CFF_16 Datasheet
356Kb / 7P
   20V PNP MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
ZXTP25020CFF ZETEX-ZXTP25020CFF Datasheet
431Kb / 8P
   20V, SOT23F, PNP medium power transistor
ZXTP25020BFH ZETEX-ZXTP25020BFH Datasheet
385Kb / 6P
   20V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP25020CFF DIODES-ZXTP25020CFF Datasheet
444Kb / 8P
   20V, SOT23F, PNP medium power transistor
ZXTP25020BFH DIODES-ZXTP25020BFH Datasheet
385Kb / 6P
   20V, SOT23, PNP medium power transistor
logo
Zetex Semiconductors
ZXTP19020CFF ZETEX-ZXTP19020CFF Datasheet
432Kb / 8P
   20V, SOT23F, PNP medium power transistor
ZXTP25020CFH ZETEX-ZXTP25020CFH Datasheet
372Kb / 6P
   20V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP25020DFH DIODES-ZXTP25020DFH Datasheet
521Kb / 6P
   20V, SOT23, PNP medium power transistor
ZXTP25020CFH DIODES-ZXTP25020CFH_15 Datasheet
382Kb / 8P
   20V, SOT23, PNP medium power transistor
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com