Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N1470 Arkusz danych(PDF) 2 Page - Inchange Semiconductor Company Limited

Numer części 2N1470
Szczegółowy opis  Excellent Safe Operating Area
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N1470 Arkusz danych(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N1470 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N1470 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
2
isc Silicon NPN Power Transistor
2N1470
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 100mA; IB= 0
60
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 1mA; IE= 0
60
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 1.5A; IB= 0.15A
1.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 1.5A; IB= 0.15A
1.5
V
VBE(on)
Base-Emitter On Voltage
IC= 1.5A; VCE= 5V
1.5
V
ICEO
Collector Cutoff Current
VCE= 60V; IB= 0
0.1
mA
ICEX
Collector Cutoff Current
VCE= 60V; VBE= -1.5V
VCE= 60V; VBE= -1.5V; TC= 150℃
0.1
2.0
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
1.0
mA
hFE-1
DC Current Gain
IC= 1A; VCE= 5V
15
hFE-2
DC Current Gain
IC= 3A; VCE= 5V
5


Podobny numer części - 2N1470

ProducentNumer częściArkusz danychSzczegółowy opis
logo
New Jersey Semi-Conduct...
2N1470 NJSEMI-2N1470 Datasheet
98Kb / 1P
   Quality Semi-Conductors
More results

Podobny opis - 2N1470

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
2N2955HV ISC-2N2955HV Datasheet
108Kb / 2P
   Excellent Safe Operating Area
BDY20 ISC-BDY20 Datasheet
193Kb / 2P
   Excellent Safe Operating Area
2SD1533 ISC-2SD1533 Datasheet
135Kb / 2P
   Wide Area of Safe Operation
2SA1214 ISC-2SA1214 Datasheet
94Kb / 2P
   Wide Area of Safe Operation
2SB982 ISC-2SB982 Datasheet
98Kb / 2P
   Wide Area of Safe Operation
2SB850 ISC-2SB850 Datasheet
98Kb / 2P
   Wide Area of Safe Operation
2SD1238 ISC-2SD1238 Datasheet
128Kb / 2P
   Wide Area of Safe Operation
2SC2665 ISC-2SC2665 Datasheet
86Kb / 2P
   Wide Area of Safe Operation
2SB719 ISC-2SB719 Datasheet
110Kb / 2P
   Wide Area of Safe Operation
logo
Rohm
2SB1357 ROHM-2SB1357 Datasheet
403Kb / 5P
   Transistor PNP (low collector saturation voltage wide safe operation area)
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com