Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7091R-4BCPZ-RL7 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD7091R-4BCPZ-RL7
Szczegółowy opis  2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7091R-4BCPZ-RL7 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD7091R-4BCPZ-RL7 Datasheet HTML 3Page - Analog Devices AD7091R-4BCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD7091R-4BCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD7091R-4BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7091R-4BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7091R-4BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7091R-4BCPZ-RL7 Datasheet HTML 9Page - Analog Devices AD7091R-4BCPZ-RL7 Datasheet HTML 10Page - Analog Devices AD7091R-4BCPZ-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Data Sheet
AD7091R-2/AD7091R-4/AD7091R-8
Rev. C | Page 7 of 42
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
VDRIVE to GND
−0.3 V to +7 V
Analog Input Voltage to GND
−0.3 V to VREF + 0.3 V
Digital Input1 Voltage to GND
−0.3 V to VDRIVE + 0.3 V
Digital Output2 Voltage to GND
−0.3 V to VDRIVE + 0.3 V
Input Current to Any Pin Except Supplies3
±10 mA
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
ESD
Human Body Model (HBM)
1.5 kV
Field Induced Charged Device Model
(FICDM)
500 V
1
The digital input pins include the following: RESET, CONVST, SDI, SCLK, and CS.
2
The digital output pins include the following: SDO, GPO1, and ALERT/BUSY/GPO0.
3
Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
24-Lead LFCSP
47.3
27.78
°C/W
24-Lead TSSOP
73.54
14.94
°C/W
20-Lead LFCSP
49.05
29.18
°C/W
20-Lead TSSOP
84.29
18.43
°C/W
16-Lead LFCSP
50.58
29.64
°C/W
16-Lead TSSOP
106.03
28.31
°C/W
ESD CAUTION


Podobny numer części - AD7091R-4BCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AD7091R-4BRUZ ETC2-AD7091R-4BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
AD7091R-4BRUZ-RL7 ETC2-AD7091R-4BRUZ-RL7 Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
More results

Podobny opis - AD7091R-4BCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
List of Unclassifed Man...
AD7091R-2BRUZ ETC2-AD7091R-2BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
logo
Analog Devices
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com