Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7172-4BCPZ Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD7172-4BCPZ
Szczegółowy opis  Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7172-4BCPZ Arkusz danych(HTML) 5 Page - Analog Devices

  AD7172-4BCPZ Datasheet HTML 1Page - Analog Devices AD7172-4BCPZ Datasheet HTML 2Page - Analog Devices AD7172-4BCPZ Datasheet HTML 3Page - Analog Devices AD7172-4BCPZ Datasheet HTML 4Page - Analog Devices AD7172-4BCPZ Datasheet HTML 5Page - Analog Devices AD7172-4BCPZ Datasheet HTML 6Page - Analog Devices AD7172-4BCPZ Datasheet HTML 7Page - Analog Devices AD7172-4BCPZ Datasheet HTML 8Page - Analog Devices AD7172-4BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
Data Sheet
AD7172-4
Rev. A | Page 5 of 61
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
GPIO (GPIO0, GPIO1)
With respect to AVSS
Input Mode Leakage Current1
−10
+10
µA
Floating State Output
Capacitance
5
pF
Output Voltage1
High, VOH
ISOURCE = 200 µA
AVSS + 4
V
Low, VOL
ISINK = 800 µA
AVSS + 0.4
V
Input Voltage1
High, VIH
AVSS + 3
V
Low, VIL
AVSS + 0.7
V
CLOCK
Internal Clock
Frequency
2
MHz
Accuracy
−2.6%
+2.5%
%
Duty Cycle
50
%
Output Voltage
Low, VOL
0.4
V
High, VOH
0.8 × IOVDD
V
Crystal
Frequency
14
16
16.384
MHz
Startup Time
10
µs
External Clock (CLKIO)
2
2.048
MHz
Duty Cycle1
30
50
70
%
LOGIC INPUTS
Input Voltage1
High, VINH
2 V ≤ IOVDD < 2.3 V
0.65 × IOVDD
V
2.3 V ≤ IOVDD ≤ 5.5 V
0.7 × IOVDD
V
Low, VINL
2 V ≤ IOVDD < 2.3 V
0.35 × IOVDD
V
2.3 V ≤ IOVDD ≤ 5.5 V
0.7
V
Hysteresis1
IOVDD ≥ 2.7 V
0.08
0.25
V
IOVDD < 2.7 V
0.04
0.2
V
Leakage Currents
−10
+10
µA
LOGIC OUTPUT (DOUT/RDY)
Output Voltage1
High, VOH
IOVDD ≥ 4.5 V, ISOURCE = 1 mA
0.8 × IOVDD
V
2.7 V ≤ IOVDD < 4.5 V, ISOURCE = 500 µA
0.8 × IOVDD
V
IOVDD < 2.7 V, ISOURCE = 200 µA
0.8 × IOVDD
V
Low, VOL
IOVDD ≥ 4.5 V, ISINK = 2 mA
0.4
V
2.7 V ≤ IOVDD < 4.5 V, ISINK = 1 mA
0.4
V
IOVDD < 2.7 V, ISINK = 400 µA
0.4
V
Leakage Current
Floating state
−10
+10
µA
Output Capacitance
Floating state
10
pF
SYSTEM CALIBRATION1
Full-Scale (FS) Calibration Limit
1.05 × FS
V
Zero-Scale Calibration Limit
−1.05 × FS
V
Input Span
0.8 × FS
2.1 × FS
V
POWER REQUIREMENTS
Power Supply Voltage
AVDD1 to AVSS
3.0
5.5
V
AVDD2 to AVSS
2
5.5
V
AVSS to DGND
−2.75
0
V
IOVDD to DGND
2
5.5
V
IOVDD to AVSS
For AVSS < DGND
6.35
V


Podobny numer części - AD7172-4BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7172-4BCPZ AD-AD7172-4BCPZ Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
AD7172-4BCPZ-RL AD-AD7172-4BCPZ-RL Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
AD7172-4BCPZ-RL7 AD-AD7172-4BCPZ-RL7 Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
More results

Podobny opis - AD7172-4BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7175-2 AD-AD7175-2_17 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-8 AD-AD7175-8 Datasheet
1Mb / 64P
   24-Bit, 8-/16-Channel, 250 kSPS, Sigma- Delta ADC with True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2_17 Datasheet
988Kb / 61P
   32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2 Datasheet
956Kb / 59P
   32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4_17 Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
AD4114 AD-AD4114 Datasheet
549Kb / 49P
   Single Supply, Multichannel, 31.25 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com