Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7172-4BCPZ-RL7 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD7172-4BCPZ-RL7
Szczegółowy opis  Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7172-4BCPZ-RL7 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD7172-4BCPZ-RL7 Datasheet HTML 2Page - Analog Devices AD7172-4BCPZ-RL7 Datasheet HTML 3Page - Analog Devices AD7172-4BCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD7172-4BCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD7172-4BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7172-4BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7172-4BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7172-4BCPZ-RL7 Datasheet HTML 9Page - Analog Devices AD7172-4BCPZ-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
AD7172-4
Data Sheet
Rev. A | Page 6 of 61
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY CURRENTS
All outputs unloaded, digital inputs
connected to IOVDD or DGND
Full Operating Mode
AVDD1 Current
AVDD1 = 5 V Typical,
5.5 V Maximum
AIN± and REF± buffers disabled
0.23
0.29
mA
AIN± and REF± buffers enabled
1.7
2.15
mA
Each buffer: AIN± and REF±
0.38
mA
AVDD1 = 3.3 V Typical,
3.6 V Maximum1
AIN± and REF± buffers disabled
0.15
0.2
mA
AIN± and REF± buffers enabled
1.45
1.9
mA
Each buffer: AIN± and REF±
0.33
mA
AVDD2 Current
1
1.1
mA
IOVDD Current
External clock
0.33
0.5
mA
Internal clock
0.61
0.82
mA
External crystal
0.98
mA
Standby Mode
LDO on
32
µA
Power-Down Mode
Full power-down including LDO
1
10
µA
POWER DISSIPATION
Full Operating Mode
Unbuffered, external clock; AVDD1 =
3.3 V, AVDD2 = 2 V, IOVDD = 2 V
3.16
mW
Unbuffered, external clock;
all supplies = 5 V
7.8
mW
Unbuffered, external clock;
all supplies = 5.5 V
10.4
mW
Fully buffered, internal clock; AVDD1 =
3.3 V, AVDD2 = 2 V, IOVDD = 2 V
8
mW
Fully buffered, internal clock;
all supplies = 5 V
16.6
mW
Fully buffered, internal clock;
all supplies = 5.5 V
22.4
mW
Standby Mode
All supplies = 5 V
160
µW
Power-Down Mode
Full power-down, all supplies = 5 V
5
µW
Full power-down, all supplies = 5.5 V
55
µW
1
Specification is not production tested but is supported by characterization data at initial product release.
2
Following a system or internal zero-scale calibration, the offset error is in the order of the noise for the programmed output data rate selected. A system full-scale
calibration reduces the gain error to the order of the noise for the programmed output data rate.


Podobny numer części - AD7172-4BCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7172-4BCPZ-RL7 AD-AD7172-4BCPZ-RL7 Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
More results

Podobny opis - AD7172-4BCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7175-2 AD-AD7175-2_17 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-8 AD-AD7175-8 Datasheet
1Mb / 64P
   24-Bit, 8-/16-Channel, 250 kSPS, Sigma- Delta ADC with True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2_17 Datasheet
988Kb / 61P
   32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2 Datasheet
956Kb / 59P
   32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4_17 Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
AD4114 AD-AD4114 Datasheet
549Kb / 49P
   Single Supply, Multichannel, 31.25 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com