Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7172-4BCPZ-RL7 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7172-4BCPZ-RL7
Szczegółowy opis  Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7172-4BCPZ-RL7 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7172-4BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7172-4BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7172-4BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7172-4BCPZ-RL7 Datasheet HTML 9Page - Analog Devices AD7172-4BCPZ-RL7 Datasheet HTML 10Page - Analog Devices AD7172-4BCPZ-RL7 Datasheet HTML 11Page - Analog Devices AD7172-4BCPZ-RL7 Datasheet HTML 12Page - Analog Devices AD7172-4BCPZ-RL7 Datasheet HTML 13Page - Analog Devices AD7172-4BCPZ-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
AD7172-4
Data Sheet
Rev. A | Page 10 of 61
Pin
No.
Mnemonic
Type1
Description
14
CS
DI
Chip Select Input. This is an active low logic input used to select the ADC. CS can be used to select the ADC
in systems with more than one device on the serial bus. CS can be hardwired low, allowing the ADC to operate
in 3-wire mode with the SCLK, DIN, and DOUT pins interfacing with the device. When CS is high, the
DOUT/RDY output is tristated.
15
ERROR
DI/O
This pin can be used in one of the following three modes:
Active low error input mode: this mode sets the ADC_ERROR bit in the status register.
Active low, open-drain error output mode: the status register error bits are mapped to the ERROR pin. The
ERROR pins of multiple devices can be wired together to a common pull-up resistor so that an error on any
device can be observed.
General-purpose output mode: the status of the pin is controlled by the ERR_DAT bit in the GPIOCON register.
The pin is referenced between IOVDD and DGND, as opposed to the AVDD1 and AVSS levels used by the
GPIO0 and GPIO1 pins. The ERROR pin has an active pull-up in this case.
16
SYNC
DI
Synchronization Input. This pin allows synchronization of the digital filters and analog modulators when
using multiple AD7172-4 devices.
17
IOVDD
P
Digital Input/Output Supply Voltage. The IOVDD voltage ranges from 2 V to 5 V. IOVDD is independent of
AVDD1 and AVDD2. For example, IOVDD can be operated at 3.3 V when AVDD1 or AVDD2 equals 5 V, or
vice versa. If AVSS is set to −2.5 V, the voltage on IOVDD must not exceed 3.6 V.
18
DGND
P
Digital Ground.
19
REGCAPD
AO
Digital LDO Regulator Output. This pin is for decoupling purposes only. Decouple this pin to DGND using
a 1 µF capacitor.
20
GPIO0
I/O
General-Purpose Input/Output. 0 The logic input/output on this this pin is referred to the AVDD1 and AVSS
supplies.
21
GPIO1
I/O
General-Purpose Input/Output 1. The logic input/output on this this pin is referred to the AVDD1 and AVSS
supplies.
22
GPO2
O
General-Purpose Output. The logic output on this this pin is referred to the AVDD1 and AVSS supplies.
23
AIN2
AI
Analog Input 2. Analog Input 2 is selectable through the crosspoint multiplexer.
24
AIN3
AI
Analog Input 3. Analog Input 3 is selectable through the crosspoint multiplexer.
25
AIN4
AI
Analog Input 4. Analog Input 4 is selectable through the crosspoint multiplexer.
26
AIN5
AI
Analog Input 5. Analog Input 5 is selectable through the crosspoint multiplexer.
27
AIN6
AI
Analog Input 6. Analog Input 6 is selectable through the crosspoint multiplexer.
28
AIN7
AI
Analog Input 7. Analog Input 7 is selectable through the crosspoint multiplexer.
29
AIN8
AI
Analog Input 8. Analog Input 8 is selectable through the crosspoint multiplexer.
30
GPO3
O
General-Purpose Output. The logic output on this this pin is referred to the AVDD1 and AVSS supplies.
31
REF−
AI
Reference 1 Input Negative Terminal. REF− can span from AVSS to AVDD1 − 1 V. Reference 1 can be
selected through the REF_SELx bits in the setup configuration (SETUPCONx) registers.
32
REF+
AI
Reference 1 Input Positive Terminal. A reference can be applied between REF+ and REF−. REF+ can span
from AVDD1 to AVSS + 1 V. Reference 1 can be selected through the REF_SELx bits in the setup
configuration (SETUPCONx) registers.
EP
P
Exposed Pad. Solder the exposed pad to a similar pad on the printed circuit board (PCB) under the
exposed pad to confer mechanical strength to the package and for heat dissipation. The exposed pad must
be connected to AVSS through this pad on the PCB.
1
AI is analog input, AO is analog output, DI/O is bidirectional digital input/output, DO is digital output, DI is digital input, and P is power supply, I/O is input/output, and
O is output.


Podobny numer części - AD7172-4BCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7172-4BCPZ-RL7 AD-AD7172-4BCPZ-RL7 Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
More results

Podobny opis - AD7172-4BCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7175-2 AD-AD7175-2_17 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-8 AD-AD7175-8 Datasheet
1Mb / 64P
   24-Bit, 8-/16-Channel, 250 kSPS, Sigma- Delta ADC with True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2_17 Datasheet
988Kb / 61P
   32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2 Datasheet
956Kb / 59P
   32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4_17 Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
AD4114 AD-AD4114 Datasheet
549Kb / 49P
   Single Supply, Multichannel, 31.25 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com